Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 121 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 121 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 117Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 118Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 119Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 120Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 121Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 122Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 123Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 124Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 226 page
background image
8.10.3 Buffered Digital-to-Analog Converter (DAC)
The buffered DAC module consists of an internal 12-bit DAC and an analog output buffer that is capable of
driving an external load. An integrated pulldown resistor on the DAC output helps to provide a known pin voltage
when the output buffer is disabled. This pulldown resistor cannot be disabled and remains as a passive
component on the pin, even for other shared pin mux functions. Software writes to the DAC value register can
take effect immediately or can be synchronized with EPWMSYNCPER events.
Each buffered DAC has the following features:
• 12-bit programmable internal DAC
• Selectable reference voltage
• Pulldown resistor on output
• Ability to synchronize with EPWMSYNCPER
The block diagram for the buffered DAC is shown in Figure 8-44.
EPWM1SYNCPER
VREFHI
VDDA
VSSA
VDAC
DACCTL[DACREFSEL]
DACCTL[LOADMODE]
SYSCLK
DACCTL[SYNCSEL]
EPWM2SYNCPER
EPWM3SYNCPER
EPWMnSYNCPER
...
0
1
D
Q
>
D
Q
DACVALS
0
1
2
Y
n-1
0
1
DACVALA
Buffer
12-bit
DAC
VSSA
DACOUT
DACREF
RPD
EN
Figure 8-44. DAC Module Block Diagram
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
121
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com