Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 122 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 122 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 118Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 119Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 120Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 121Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 122Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 123Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 124Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 125Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 226 page
background image
8.10.3.1 Buffered DAC Electrical Data and Timing
Section 8.10.3.1.1 shows the buffered DAC electrical characteristics. Figure 8-45 shows the buffered DAC offset.
Figure 8-46 shows the buffered DAC gain. Figure 8-47 shows the buffered DAC linearity.
8.10.3.1.1 Buffered DAC Electrical Characteristics
over recommended operating conditions (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Power-up time
500(8)
µs
Offset error
Midpoint
–10
10
mV
Gain error(2)
–2.5
2.5
% of FSR
DNL(3)
Endpoint corrected
> –1
±0.4
1
LSB
INL
Endpoint corrected
–5
±2
5
LSB
DACOUTx settling time
Settling to 2 LSBs after 0.3V-to-3V
transition
2
µs
Resolution
12
bits
Voltage output range(4)
0.3
VDDA – 0.3
V
Capacitive load
Output drive capability
100
pF
Resistive load
Output drive capability
5
kΩ
RPD pulldown resistor
50
kΩ
Reference voltage(5)
VDAC or VREFHI
2.4
2.5 or 3.0
VDDA
V
Reference input resistance(6)
VDAC or VREFHI
170
kΩ
Output noise
Integrated noise from 100 Hz to 100 kHz
500
µVrms
Noise density at 10 kHz
711
nVrms/√Hz
Glitch energy
1.5
V-ns
PSRR(7)
DC up to 1 kHz
70
dB
100 kHz
30
SNR
1020 Hz
67
dB
THD
1020 Hz
–63
dB
SFDR
1020 Hz, including harmonics and spurs
66
dBc
1020 Hz, including only spurs
104
(1)
Typical values are measured with VREFHI = 3.3 V unless otherwise noted. Minimum and Maximum values are tested or characterized
with VREFHI = 2.5 V.
(2)
Gain error is calculated for linear output range.
(3)
The DAC output is monotonic.
(4)
This is the linear output range of the DAC. The DAC can generate voltages outside this range, but the output voltage will not be linear
due to the buffer.
(5)
For best PSRR performance, VDAC or VREFHI should be less than VDDA.
(6)
Per active Buffered DAC module.
(7)
VREFHI = 3.2 V, VDDA = 3.3 V DC + 100 mV Sine.
(8)
See the "Analog Bandgap References" advisory of the TMS320F2837xD Dual-Core MCUs Silicon Errata .
Note
The VDAC pin must be kept below VDDA + 0.3 V to ensure proper functional operation. If the VDAC
pin exceeds this level, a blocking circuit may activate, and the internal value of VDAC may float to 0 V
internally, giving improper DAC output.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
122
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com