Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 156 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 156 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 152Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 153Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 154Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 155Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 156Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 157Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 158Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 159Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 226 page
background image
8.12.3.1.2 McBSP as SPI Master or Slave Timing
Section 8.12.3.1.2.1 lists the McBSP as SPI master timing requirements. Section 8.12.3.1.2.2 lists the McBSP as
SPI master switching characteristics. Section 8.12.3.1.2.3 lists the McBSP as SPI slave timing requirements.
Section 8.12.3.1.2.4 lists the McBSP as SPI slave switching characteristics.
Figure 8-66 through Figure 8-69 show the McBSP as SPI master or slave timing diagrams.
8.12.3.1.2.1 McBSP as SPI Master Timing Requirements
NO.
MIN
MAX
UNIT
CLOCK
tc(CLKG)
Cycle time, CLKG(1)
2 * tc(LSPCLK)
ns
P
Cycle time, LSPCLK(1)
tc(LSPCLK)
ns
M33,
M42,
M52,
M61
tc(CKX)
Cycle time, CLKX
2P
ns
CLKSTP = 10b, CLKXP = 0
M30
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
30
ns
M31
th(CKXL-DRV)
Hold time, DR valid after CLKX low
1
ns
CLKSTP = 11b, CLKXP = 0
M39
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
30
ns
M40
th(CKXH-DRV)
Hold time, DR valid after CLKX high
1
ns
CLKSTP = 10b, CLKXP = 1
M49
tsu(DRV-CKXH)
Setup time, DR valid before CLKX high
30
ns
M50
th(CKXH-DRV)
Hold time, DR valid after CLKX high
1
ns
CLKSTP = 11b, CLKXP = 1
M58
tsu(DRV-CKXL)
Setup time, DR valid before CLKX low
30
ns
M59
th(CKXL-DRV)
Hold time, DR valid after CLKX low
1
ns
(1)
CLKG should be configured to LSPCLK/2 by setting CLKSM = 1 and CLKGDV = 1
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
156
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com