Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 165 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 165 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 161Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 162Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 163Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 164Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 165Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 166Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 167Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 168Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 226 page
background image
8.12.5.1 SPI Electrical Data and Timing
Note
All timing parameters for SPI High-Speed Mode assume a load capacitance of 5 pF on SPICLK,
SPISIMO, and SPISOMI.
For more information about the SPI in High-Speed mode, see the Serial Peripheral Interface (SPI) chapter of the
TMS320F2837xD Dual-Core Microcontrollers Technical Reference Manual .
To use the SPI in High-Speed mode, the application must use the high-speed enabled GPIOs (see Section
7.4.5).
8.12.5.1.1 SPI Master Mode Timings
Section 8.12.5.1.1.1 lists the SPI master mode timing requirements. Section 8.12.5.1.1.2 lists the SPI master
mode switching characteristics (clock phase = 0). Section 8.12.5.1.1.3 lists the SPI master mode switching
characteristics (clock phase = 1). Figure 8-72 shows the SPI master mode external timing where the clock phase
= 0. Figure 8-73 shows the SPI master mode external timing where the clock phase = 1.
8.12.5.1.1.1 SPI Master Mode Timing Requirements
NO.
(BRR + 1)
CONDITION(1)
MIN
MAX UNIT
High Speed Mode
8
tsu(SOMI)M
Setup time, SPISOMI valid before
SPICLK
Even, Odd
1
ns
9
th(SOMI)M
Hold time, SPISOMI valid after
SPICLK
Even, Odd
5
ns
Normal Mode
8
tsu(SOMI)M
Setup time, SPISOMI valid before
SPICLK
Even, Odd
20
ns
9
th(SOMI)M
Hold time, SPISOMI valid after
SPICLK
Even, Odd
0
ns
(1)
The (BRR + 1) condition is Even when (SPIBRR + 1) is even or SPIBRR is 0 or 2. It is Odd when (SPIBRR + 1) is odd and SPIBRR is
greater than 3.
8.12.5.1.1.2 SPI Master Mode Switching Characteristics (Clock Phase = 0)
over recommended operating conditions (unless otherwise noted)
NO.
PARAMETER
(BRR + 1)
CONDITION(1)
MIN
MAX UNIT
General
1
tc(SPC)M
Cycle time, SPICLK
Even
4tc(LSPCLK)
128tc(LSPCLK)
ns
Odd
5tc(LSPCLK)
127tc(LSPCLK)
2
tw(SPC1)M
Pulse duration, SPICLK, first pulse
Even
0.5tc(SPC)M – 1
0.5tc(SPC)M + 1
ns
Odd
0.5tc(SPC)M +0.5tc(LSPCLK)
– 1
0.5tc(SPC)M +0.5tc(LSPCLK)
+ 1
3
tw(SPC2)M
Pulse duration, SPICLK, second
pulse
Even
0.5tc(SPC)M – 1
0.5tc(SPC)M + 1
ns
Odd
0.5tc(SPC)M –0.5tc(LSPCLK) –
1
0.5tc(SPC)M –0.5tc(LSPCLK)
+ 1
23
td(SPC)M
Delay time, SPISTE active to SPICLK
Even
1.5tc(SPC)M - 3tc(SYSCLK) –
7
1.5tc(SPC)M - 3tc(SYSCLK) +
5
ns
Odd
1.5tc(SPC)M - 4tc(SYSCLK) –
7
1.5tc(SPC)M - 4tc(SYSCLK) +
5
24
tv(STE)M
Valid time, SPICLK to SPISTE
inactive
Even
0.5tc(SPC)M – 7
0.5tc(SPC)M + 5
ns
Odd
0.5tc(SPC)M –0.5tc(LSPCLK) –
7
0.5tc(SPC)M –0.5tc(LSPCLK)
+ 5
www.ti.com
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
165
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com