Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 166 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 166 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 162Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 163Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 164Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 165Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 166Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 167Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 168Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 169Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 226 page
background image
over recommended operating conditions (unless otherwise noted)
NO.
PARAMETER
(BRR + 1)
CONDITION(1)
MIN
MAX UNIT
High Speed Mode
4
td(SIMO)M
Delay time, SPICLK to SPISIMO valid Even, Odd
1
ns
5
tv(SIMO)M
Valid time, SPISIMO valid after
SPICLK
Even
0.5tc(SPC)M – 2
ns
Odd
0.5tc(SPC)M –0.5tc(LSPCLK) –
2
Normal Mode
4
td(SIMO)M
Delay time, SPICLK to SPISIMO valid Even, Odd
6
ns
5
tv(SIMO)M
Valid time, SPISIMO valid after
SPICLK
Even
0.5tc(SPC)M – 5
ns
Odd
0.5tc(SPC)M –0.5tc(LSPCLK) –
5
(1)
The (BRR + 1) condition is Even when (SPIBRR + 1) is even or SPIBRR is 0 or 2. It is Odd when (SPIBRR + 1) is odd and SPIBRR is
greater than 3.
8.12.5.1.1.3 SPI Master Mode Switching Characteristics (Clock Phase = 1)
over recommended operating conditions (unless otherwise noted)
NO.
PARAMETER
(BRR + 1)
CONDITION(1)
MIN
MAX UNIT
General
1
tc(SPC)M
Cycle time, SPICLK
Even
4tc(LSPCLK)
128tc(LSPCLK)
ns
Odd
5tc(LSPCLK)
127tc(LSPCLK)
2
tw(SPCH)M
Pulse duration, SPICLK, first
pulse
Even
0.5tc(SPC)M – 1
0.5tc(SPC)M + 1
ns
Odd
0.5tc(SPC)M – 0.5tc(LSPCLK) – 1
0.5tc(SPC)M –
0.5tc(LSPCLK) + 1
3
tw(SPC2)M
Pulse duration, SPICLK,
second pulse
Even
0.5tc(SPC)M – 1
0.5tc(SPC)M + 1
ns
Odd
0.5tc(SPC)M + 0.5tc(LSPCLK) – 1
0.5tc(SPC)M +
0.5tc(LSPCLK) + 1
23
td(SPC)M
Delay time, SPISTE valid to
SPICLK
Even, Odd
2tc(SPC)M – 3tc(SYSCLK) – 7
2tc(SPC)M –
3tc(SYSCLK) + 5
ns
24
tv(STE)M
Valid time, SPICLK to SPISTE
invalid
Even
– 7
+5
ns
Odd
– 7
+5
High Speed Mode
4
td(SIMO)M
Delay time, SPISIMO valid to
SPICLK
Even
0.5tc(SPC)M – 1
ns
Odd
0.5tc(SPC)M + 0.5tc(LSPCLK) – 1
5
tv(SIMO)M
Valid time, SPISIMO valid after
SPICLK
Even
0.5tc(SPC)M – 2
ns
Odd
0.5tc(SPC)M – 0.5tc(LSPCLK) – 2
Normal Mode
4
td(SIMO)M
Delay time, SPISIMO valid to
SPICLK
Even
0.5tc(SPC)M – 5
ns
Odd
0.5tc(SPC)M + 0.5tc(LSPCLK) – 5
5
tv(SIMO)M
Valid time, SPISIMO valid after
SPICLK
Even
0.5tc(SPC)M – 5
ns
Odd
0.5tc(SPC)M – 0.5tc(LSPCLK) – 5
(1)
The (BRR + 1) condition is Even when (SPIBRR + 1) is even or SPIBRR is 0 or 2. It is Odd when (SPIBRR + 1) is odd and SPIBRR is
greater than 3.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
166
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com