Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 184 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 184 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 180Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 181Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 182Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 183Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 184Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 185Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 186Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 187Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 226 page
background image
Table 9-5. Peripheral Registers Memory Map (continued)
REGISTERS
STRUCTURE NAME
START
ADDRESS
END
ADDRESS
PROTECTED
(1)
CLA
ACCESS
DMA
ACCESS
EPwmXbarRegs
(3)
EPWM_XBAR_REGS
0x0000 7A00
0x0000 7A3F
Yes
OutputXbarRegs
(3)
OUTPUT_XBAR_REGS
0x0000 7A80
0x0000 7ABF
Yes
GpioCtrlRegs
(3)
GPIO_CTRL_REGS
0x0000 7C00
0x0000 7D7F
Yes
GpioDataRegs
(2)
GPIO_DATA_REGS
0x0000 7F00
0x0000 7F2F
Yes
Yes
UsbaRegs
(3)
USB_REGS
0x0004 0000
0x0004 0FFF
Yes
Emif1Regs
EMIF_REGS
0x0004 7000
0x0004 77FF
Yes
Emif2Regs
(3)
EMIF_REGS
0x0004 7800
0x0004 7FFF
Yes
CanaRegs
CAN_REGS
0x0004 8000
0x0004 87FF
Yes
CanbRegs
CAN_REGS
0x0004 A000
0x0004 A7FF
Yes
IpcRegs
(2)
IPC_REGS_CPU1
IPC_REGS_CPU2
0x0005 0000
0x0005 0023
Yes
FlashPumpSemaphoreRegs
(2)
FLASH_PUMP_SEMAPHORE_REGS
0x0005 0024
0x0005 0025
Yes
DevCfgRegs
(3)
DEV_CFG_REGS
0x0005 D000
0x0005 D17F
Yes
AnalogSubsysRegs
(3)
ANALOG_SUBSYS_REGS
0x0005 D180
0x0005 D1FF
Yes
ClkCfgRegs
(4)
CLK_CFG_REGS
0x0005 D200
0x0005 D2FF
Yes
CpuSysRegs
(2)
CPU_SYS_REGS
0x0005 D300
0x0005 D3FF
Yes
RomPrefetchRegs
(3)
ROM_PREFETCH_REGS
0x0005 E608
0x0005 E60B
Yes
DcsmZ1Regs
(2)
DCSM_Z1_REGS
0x0005 F000
0x0005 F02F
Yes
DcsmZ2Regs
(2)
DCSM_Z2_REGS
0x0005 F040
0x0005 F05F
Yes
DcsmCommonRegs
(2)
DCSM_COMMON_REGS
0x0005 F070
0x0005 F07F
Yes
MemCfgRegs
(2)
MEM_CFG_REGS
0x0005 F400
0x0005 F47F
Yes
Emif1ConfigRegs
(2)
EMIF1_CONFIG_REGS
0x0005 F480
0x0005 F49F
Yes
Emif2ConfigRegs
(3)
EMIF2_CONFIG_REGS
0x0005 F4A0
0x0005 F4BF
Yes
AccessProtectionRegs
(2)
ACCESS_PROTECTION_REGS
0x0005 F4C0
0x0005 F4FF
Yes
MemoryErrorRegs
(2)
MEMORY_ERROR_REGS
0x0005 F500
0x0005 F53F
Yes
RomWaitStateRegs
(3)
ROM_WAIT_STATE_REGS
0x0005 F540
0x0005 F541
Yes
Flash0CtrlRegs
(2)
FLASH_CTRL_REGS
0x0005 F800
0x0005 FAFF
Yes
Flash0EccRegs
(2)
FLASH_ECC_REGS
0x0005 FB00
0x0005 FB3F
Yes
(1)
The CPU (not applicable for CLA or DMA) contains a write followed by read protection mode to ensure that any read operation that
follows a write operation within a protected address range is executed as written by delaying the read operation until the write is
initiated.
(2)
A unique copy of these registers exist on each CPU subsystem.
(3)
These registers are available only on the CPU1 subsystem.
(4)
These registers are mapped to either CPU1 or CPU2 based on a semaphore.
(5)
The address overlap of PieCtrlRegs and Cla1SoftIntRegs is correct. Each CPU, C28x and CLA, only has access to one of the register
sets.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
184
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com