| Electronic Components Datasheet Search |
|
CEC1712 Datasheet(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1712 Datasheet(HTML) 27 Page - Microchip Technology |
|
27 / 338 page ![]() 2020-2021 Microchip Technology Inc. DS00003416C-page 27 CEC1712 FAN PWM and Tachometer ICT0_TACH0 Fan Tachometer Input 0 ICT1_TACH1 Fan Tachometer Input 1 ICT2_TACH2 Fan Tachometer Input 2 TACH3 Fan Tachometer Input 3 PWMx Pulse Width Modulator Output ‘x’ is the index of the PWM output. Refer Fam- ily features table to find the number of PWM outputs supported in the package Input Capture/Compare timer ICTx Input capture timer input ‘x’ is the index of the PWM output. Refer Fam- ily features table to find the number of ICT inputs supported in the package CTOUT0 Compare timer 0 toggle output CTOUT1 Compare timer 1 toggle output Serial ports UART_CLK UART Baud Clock Input UART0_RX UART Receive Data (RXD) UART0_TX UART Transmit Data (TXD) UART0_CTS# Clear to Send Input UART0_RTS# Request to Send Output UART0_RI# Ring Indicator Input UART0_DCD# Data Carrier Detect Input UART0_DSR# Data Set Ready Input UART0_DTR# Data Terminal Ready Output JTAG JTAG_RST# JTAG test active low reset Note 11,12 JTAG_TDI JTAG test data in Note 11,12 JTAG_TDO JTAG test data out Note 11,12 JTAG_CLK JTAG test clk; SWDCLK Note 11,12 JTAG_TMS JTAG test mode select; SWDIO Note 11,12 TFDP_DATA Trace FIFO debug port - data TFDP_CLK Trace FIFO debug port - clock TRACECLK ARM Embedded Trace Macro Clock Trace Port is enabled by setting TRACE_EN bit of ETM Trace enable register in EC Regis- ter Bank TRACEDATA0 ARM Embedded Trace Macro Data 0 TRACEDATA1 ARM Embedded Trace Macro Data 1 TRACEDATA2 ARM Embedded Trace Macro Data 2 TRACEDATA3 ARM Embedded Trace Macro Data 3 Power pins VREF_ADC ADC Reference Voltage VSS_ADC Analog ADC supply associated ground VBAT VBAT supply VR_CAP Internal Voltage Regulator Capacitor Note 1 TABLE 2-4: SIGNAL DESCRIPTION BY INTERFACE (CONTINUED) SIG_NAME Description Notes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |