Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 74 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 74 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 70Page - Microchip Technology CEC1712 Datasheet HTML 71Page - Microchip Technology CEC1712 Datasheet HTML 72Page - Microchip Technology CEC1712 Datasheet HTML 73Page - Microchip Technology CEC1712 Datasheet HTML 74Page - Microchip Technology CEC1712 Datasheet HTML 75Page - Microchip Technology CEC1712 Datasheet HTML 76Page - Microchip Technology CEC1712 Datasheet HTML 77Page - Microchip Technology CEC1712 Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 338 page
background image
CEC1712
DS00003416C-page 74
 2020-2021 Microchip Technology Inc.
The bit definitions for the Sleep Enable, Clock Required and Reset Enable Registers are defined in the Sleep Enable
Register Assignments Table in Section 3.0, "Device Inventory".
4.9
Sleep Enable n Registers
4.9.1
SLEEP ENABLE N REGISTER
4.9.2
CLOCK REQUIRED N REGISTER
4.9.3
PERIPHERAL RESET ENABLE N REGISTER
All register addresses are naturally aligned on 32-bit boundaries. Offsets for registers that are smaller than 32 bits are
reserved and must not be used for any other purpose.
Offset
See Sleep Enable Register Assignments Table in Section 3.0, "Device Inventory"
Bits
Description
Type
Default
Reset
Event
31:0
SLEEP_ENABLE
1=Block is commanded to sleep at next available moment
0=Block is free to use clocks as necessary
Unassigned bits are reserved. They must be set to ‘1b’ when writ-
ten. When read, unassigned bits return the last value written.
R/W
0h
RESET
_SYS
Offset
See Sleep Enable Register Assignments Table in Section 3.0, "Device Inventory"
Bits
Description
Type
Default
Reset
Event
31:0
CLOCK_REQUIRED
1=Bock requires clocks
0=Block does not require clocks
Unassigned bits are reserved and always return 0 when read.
R0h
RESET
_SYS
Offset
See Sleep Enable Register Assignments Table in Section 3.0, "Device Inventory"
Bits
Description
Type
Default
Reset
Event
31:0
PERIPHERAL_RESET_ENABLE
1= Will allow issue parallel reset to the peripherals. This is self
clearing bit.
W0h
RESET
_SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com