Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 73 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 73 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 69Page - Microchip Technology CEC1712 Datasheet HTML 70Page - Microchip Technology CEC1712 Datasheet HTML 71Page - Microchip Technology CEC1712 Datasheet HTML 72Page - Microchip Technology CEC1712 Datasheet HTML 73Page - Microchip Technology CEC1712 Datasheet HTML 74Page - Microchip Technology CEC1712 Datasheet HTML 75Page - Microchip Technology CEC1712 Datasheet HTML 76Page - Microchip Technology CEC1712 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 73
CEC1712
In HEAVY SLEEP, the 48 MHz PLL is shut down. On wake, the 32 MHz Ring Oscillator is used to provide a clock source
for the 48MHz clock domain until the PLL locks to the 32KHz clock domain. The ring oscillator starts immediately on
wake, so there is no latency for the EC to start after a wake, However, the ring oscillator is only accurate to ±50%, so
any device that requires an accurate 48MHz clock will not operate correctly until the PLL locks.The time to lock latency
for the PLL is shown in Table 4-9, "System Sleep Modes".
The SLEEP_ALL bit is automatically cleared when the processor responds to an interrupt. This applies to non-wake
interrupts as well as wake interrupts, in the event an interrupt occurs between the time the processor issued a WAIT
FOR INTERRUPT instruction and the time the system completely enters the sleep state.
Any JTAG access to the ARM/STAP will cause a pseudo-wake event where the clocks are turned on, but the CHip is
still in sleep (SLEEP_EN's and SLEEP_ALL stay in the same state).This way the access can occur over JTAG, without
changing the parts state, and the part can go back to sleep once the JTAG access is over.
4.7.4.1
Wake-Only Events
Some devices which respond to an external master require the 48MHz clock domain to operate but do not necessarily
require and immediate processing by the EC. Wake-only events provide the means to start the 48MHz clock domain
without triggering an EC interrupt service routine. This events are grouped into a single GIRQ, GIRQ22. Events that are
enabled in that GIRQ will start the clock domain when the event occurs, but will not invoke an EC interrupt. The
SLEEP_ENABLE flags all remain asserted. If the activity for the event does not in turn trigger another EC interrupt, the
CLOCK_REQUIRED for the block will re-assert and the configured sleep state will be re-entered.
4.8
EC Registers
Registers for this block are shown in the following summary table. Addresses for each register are determined by adding
the offset to the Base Address for the Power, Clocks, and Resets Block in the Block Overview and Base Address Table
in Section 3.0, "Device Inventory".
TABLE 4-8:
REGISTER SUMMARY
Offset
Name
0h
System Sleep Control Register
4h
Processor Clock Control Register
8h
Slow Clock Control Register
Ch
Oscillator ID Register
10h
PCR Power Reset Status Register
14h
Power Reset Control Register
18h
System Reset Register
1Ch
Reserved
20h
TEST
30h
Sleep Enable 0 Register
34h
Sleep Enable 1 Register
38h
Sleep Enable 2 Register
3Ch
Sleep Enable 3 Register
40h
Sleep Enable 4 Register
50h
Clock Required 0 Register
54h
Clock Required 1 Register
58h
Clock Required 2 Register
5Ch
Clock Required 3 Register
60h
Clock Required 4 Register
70h
Reset Enable 0 Register
74h
Reset Enable 1 Register
78h
Reset Enable 2 Register
7Ch
Reset Enable 3 Register
80h
Reset Enable 4 Register
84h
Peripheral Reset Lock Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com