Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 83 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 83 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 79Page - Microchip Technology CEC1712 Datasheet HTML 80Page - Microchip Technology CEC1712 Datasheet HTML 81Page - Microchip Technology CEC1712 Datasheet HTML 82Page - Microchip Technology CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology CEC1712 Datasheet HTML 86Page - Microchip Technology CEC1712 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 83
CEC1712
The EC operates on the model of a single 32-bit addressing space of byte addresses (4Gbytes, Von Neumann archi-
tecture) with Little-Endian byte ordering. On the basis of an internal decoder (part of the Bus Matrix shown in Figure 5-
1), it routes Read/Write/Fetch accesses to one of three external interfaces, or in some cases internally (shown as the
PPB interface).
The EC executes instructions out of closely-coupled memory via the ICode Interface. Data accesses to closely-coupled
memory are handled via the DCode Interface. The EC accesses the rest of the on-chip address space via the System
AHB-Lite interface. The Debugger program in the host can probe the EC and all EC addressable memory via the JTAG
debug interface.
Aliased addressing spaces are provided at the chip level so that specific bus interfaces can be selected explicitly where
needed. For example, the EC’s Bit Banding feature uses the System AHB-Lite bus to access resources normally
accessed via the DCode or ICode interface.
Note:
The EC executes most instructions in one clock cycle. If an instruction accesses code and data that are in
different RAM blocks, then it takes one clock cycle to access both code and data (done in
parallel). However, if the code and data blocks are in the same RAM block, then it takes two clock cycles
(one clock for code access and one clock for data access) since it must do it sequentially.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com