Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 44 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 44 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 40Page - Microchip Technology CEC1712 Datasheet HTML 41Page - Microchip Technology CEC1712 Datasheet HTML 42Page - Microchip Technology CEC1712 Datasheet HTML 43Page - Microchip Technology CEC1712 Datasheet HTML 44Page - Microchip Technology CEC1712 Datasheet HTML 45Page - Microchip Technology CEC1712 Datasheet HTML 46Page - Microchip Technology CEC1712 Datasheet HTML 47Page - Microchip Technology CEC1712 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 338 page
background image
CEC1712
DS00003416C-page 44
 2020-2021 Microchip Technology Inc.
DMA Channel
2
TEST
400024DC
DMA Channel
3
DMA Channel N Activate Register
40002500
DMA Channel
3
DMA Channel N Memory Start Address Register
40002504
DMA Channel
3
DMA Channel N Memory End Address Register
40002508
DMA Channel
3
DMA Channel N Device Address
4000250C
DMA Channel
3
DMA Channel N Control Register
40002510
DMA Channel
3
DMA Channel N Interrupt Status Register
40002514
DMA Channel
3
DMA Channel N Interrupt Enable Register
40002518
DMA Channel
3
TEST
4000251C
DMA Channel
4
DMA Channel N Activate Register
40002540
DMA Channel
4
DMA Channel N Memory Start Address Register
40002544
DMA Channel
4
DMA Channel N Memory End Address Register
40002548
DMA Channel
4
DMA Channel N Device Address
4000254C
DMA Channel
4
DMA Channel N Control Register
40002550
DMA Channel
4
DMA Channel N Interrupt Status Register
40002554
DMA Channel
4
DMA Channel N Interrupt Enable Register
40002558
DMA Channel
4
TEST
4000255C
DMA Channel
5
DMA Channel N Activate Register
40002580
DMA Channel
5
DMA Channel N Memory Start Address Register
40002584
DMA Channel
5
DMA Channel N Memory End Address Register
40002588
DMA Channel
5
DMA Channel N Device Address
4000258C
DMA Channel
5
DMA Channel N Control Register
40002590
DMA Channel
5
DMA Channel N Interrupt Status Register
40002594
DMA Channel
5
DMA Channel N Interrupt Enable Register
40002598
DMA Channel
5
TEST
4000259C
DMA Channel
6
DMA Channel N Activate Register
400025C0
DMA Channel
6
DMA Channel N Memory Start Address Register
400025C4
DMA Channel
6
DMA Channel N Memory End Address Register
400025C8
DMA Channel
6
DMA Channel N Device Address
400025CC
DMA Channel
6
DMA Channel N Control Register
400025D0
DMA Channel
6
DMA Channel N Interrupt Status Register
400025D4
DMA Channel
6
DMA Channel N Interrupt Enable Register
400025D8
DMA Channel
6
TEST
400025DC
DMA Channel
7
DMA Channel N Activate Register
40002600
DMA Channel
7
DMA Channel N Memory Start Address Register
40002604
DMA Channel
7
DMA Channel N Memory End Address Register
40002608
DMA Channel
7
DMA Channel N Device Address
4000260C
DMA Channel
7
DMA Channel N Control Register
40002610
DMA Channel
7
DMA Channel N Interrupt Status Register
40002614
DMA Channel
7
DMA Channel N Interrupt Enable Register
40002618
DMA Channel
7
TEST
4000261C
DMA Channel
8
DMA Channel N Activate Register
40002640
DMA Channel
8
DMA Channel N Memory Start Address Register
40002644
DMA Channel
8
DMA Channel N Memory End Address Register
40002648
TABLE 3-5:
REGISTER MAP
Block
Instance
Register
Host
Type
Register
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com