Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 80 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 80 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 76Page - Microchip Technology CEC1712 Datasheet HTML 77Page - Microchip Technology CEC1712 Datasheet HTML 78Page - Microchip Technology CEC1712 Datasheet HTML 79Page - Microchip Technology CEC1712 Datasheet HTML 80Page - Microchip Technology CEC1712 Datasheet HTML 81Page - Microchip Technology CEC1712 Datasheet HTML 82Page - Microchip Technology CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 338 page
background image
CEC1712
DS00003416C-page 80
 2020-2021 Microchip Technology Inc.
5.0
ARM M4 BASED EMBEDDED CONTROLLER
5.1
Introduction
This chapter contains a description of the ARM M4 Embedded Controller (EC).
The EC is built around an ARM® Cortex®-M4 Processor provided by Arm Ltd. (the “ARM M4 IP”). The ARM Cortex®
M4 is a full-featured 32-bit embedded processor, implementing the ARMv7-M THUMB instruction set in hardware.
The ARM M4 IP is configured as a Von Neumann, Byte-Addressable, Little-Endian architecture. It provides a single uni-
fied 32-bit byte-level address, for a total direct addressing space of 4GByte. It has multiple bus interfaces, but these
express priorities of access to the chip-level resources (Instruction Fetch vs. Data RAM vs. others), and they do not
represent separate addressing spaces.
The ARM M4 is configured as follows.
• Little-Endian byte ordering is selected at all times
• Bit Banding is included for efficient bit-level access
• Debug features are included at “Ex+” level, defined as follows:
- DWT Unit provides 4 Data Watchpoint comparators and Execution Monitoring
• Trace features are included at “Full” level, defined as follows:
- DWT for reporting breakpoints and watchpoints
- ITM for profiling and to timestamp and output messages from instrumented firmware builds
- ETM for instruction tracing, and for enhanced reporting of Core and DWT events
- The ARM-defined HTM trace feature is not included
• NVIC Interrupt controller with 8 priority levels and up to 240 individually-vectored interrupt inputs
- A Microchip-defined Interrupt Aggregator function (at chip level) may be used to group multiple interrupts onto
single NVIC inputs
- The ARM-defined WIC feature is not included. The Microchip Interrupt Aggregator function (at chip level)
provides Wake control
• Single entry Write Buffer is incorporated
5.2
References
1.
ARM Limited: Cortex®-M4 Technical Reference Manual, DDI0439C, 29 June 2010
2.
ARM Limited: ARM®v7-M Architecture Reference Manual, DDI0403D, November 2010
3.
NOTE: Filename DDI0403D_arm_architecture_v7m_reference_manual_errata_markup_1_0.pdf
4.
ARM® Generic Interrupt Controller Architecture version 1.0 Architecture Specification, IHI0048A, September
2008
5.
ARM Limited: AMBA® Specification (Rev 2.0), IHI0011A, 13 May 1999
6.
ARM Limited: AMBA® 3 AHB-Lite Protocol Specification, IHI0033A, 6 June 2006
7.
ARM Limited: AMBA® 3 ATB Protocol Specification, IHI0032A, 19 June 2006
8.
ARM Limited: Cortex-M™ System Design Kit Technical Reference Manual, DDI0479B, 16 June 2011
9.
ARM Limited: CoreSight™ v1.0 Architecture Specification, IHI0029B, 24 March 2005
10. ARM Limited: CoreSight™ Components Technical Reference Manual, DDI0314H, 10 July 2009
11. ARM Limited: ARM® Debug Interface v5 Architecture Specification, IHI0031A, 8 February 2006
12. ARM Limited: ARM® Debug Interface v5 Architecture Specification ADIv5.1 Supplement, DSA09-PRDC-008772,
17 August 2009
13. ARM Limited: Embedded Trace Macrocell™ (ETMv1.0 to ETMv3.5) Architecture Specification, IHI0014Q, 23
September 2011
14. ARM Limited: CoreSight™ ETM™-M4 Technical Reference Manual, DDI0440C, 29 June 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com