Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 75 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 75 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 71Page - Microchip Technology CEC1712 Datasheet HTML 72Page - Microchip Technology CEC1712 Datasheet HTML 73Page - Microchip Technology CEC1712 Datasheet HTML 74Page - Microchip Technology CEC1712 Datasheet HTML 75Page - Microchip Technology CEC1712 Datasheet HTML 76Page - Microchip Technology CEC1712 Datasheet HTML 77Page - Microchip Technology CEC1712 Datasheet HTML 78Page - Microchip Technology CEC1712 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 338 page
background image
 2020-2021 Microchip Technology Inc.
DS00003416C-page 75
CEC1712
4.9.4
SYSTEM SLEEP CONTROL REGISTER
Offset
0h
Bits
Description
Type
Default
Reset
Event
31:9
Reserved
RES
-
-
8
SLEEP_IMMEDIATE
0 = System will only allow entry into sleep after PLL locks.
1 = System will allow entry into Heavy Sleep before PLL locks.
Heavy Sleep : Any sleep state where the PLL is OFF.
Light Sleep : Any sleep state where the PLL is ON.
R/W
0h
RESET
_SYS
7:4
Reserved
RES
-
-
3
SLEEP_ALL
By setting this bit to ‘1b’ and then issuing a WAIT FOR INTER-
RUPT instruction, the EC can initiate the System Sleep mode.
When no device requires the main system clock, the system enters
the sleep mode defined by the field SLEEP_MODE.
This bit is automatically cleared when the processor vectors to an
interrupt.
1=Assert all sleep enables
0=Do not sleep all
R/W
0h
RESET
_SYS
2
TEST
Test bit. Should always be written with a ‘0b’.
R/W
0h
RESET
_SYS
1
Reserved
RES
-
-
0
SLEEP_MODE
Sleep modes differ only in the time it takes for the 48MHz clock
domain to lock to 48MHz. The wake latency in all sleep modes is
0ms. Table 4-9 shows the time to lock latency for the different sleep
modes.
1=Heavy Sleep
0=Light Sleep
R/W
0h
RESET
_SYS
TABLE 4-9:
SYSTEM SLEEP MODES
SLEEP_MODE
Sleep State
Latency to
Lock
Description
0
LIGHT SLEEP
0
Output of the PLL is gated in sleep. The PLL remains on.
1
HEAVY SLEEP
3ms
The PLL is shut down while in sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com