Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 82 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 82 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 78Page - Microchip Technology CEC1712 Datasheet HTML 79Page - Microchip Technology CEC1712 Datasheet HTML 80Page - Microchip Technology CEC1712 Datasheet HTML 81Page - Microchip Technology CEC1712 Datasheet HTML 82Page - Microchip Technology CEC1712 Datasheet HTML 83Page - Microchip Technology CEC1712 Datasheet HTML 84Page - Microchip Technology CEC1712 Datasheet HTML 85Page - Microchip Technology CEC1712 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 338 page
background image
CEC1712
DS00003416C-page 82
 2020-2021 Microchip Technology Inc.
•HTM
AHB Trace Macrocell. This is an optional subblock that is not included.
•ITM
Instrumentation Trace Macrocell subblock. Provides a HW Trace interface for “printf”-style reports from instru-
mented firmware builds, with timestamping also provided.
• MEM-AP
A generic term for an AP that connects to a memory-mapped bus on-chip. For this product, this term is synony-
mous with the AHB Access Port, AHB-AP.
•NVIC
Nested Vectored Interrupt Controller subblock. Accepts external interrupt inputs. See References [2], ARM Lim-
ited: ARM®v7-M Architecture Reference Manual, DDI0403D, November 2010 and [4], ARM® Generic Interrupt
Controller Architecture version 1.0 Architecture Specification, IHI0048A, September 2008.
• PPB
Private Peripheral Bus: A specific APB bus with local connectivity within the EC.
•ROM Table
A ROM-based data structure in the Debug section that allows an external Debugger and/or a FW monitor to
determine which of the Debug features are present.
•SWJ-DP
Serial Wire / JTAG Debug Port, the DP option selected by Microchip for the DAP.
•TPA
Trace Port Analyzer: any off-chip device that uses the TPIU output.
•TPIU
Trace Port Interface Unit subblock. Multiplexes and buffers Trace reports from the ETM and ITM subblocks.
•WIC
Wake-Up Interrupt Controller. This is an optional subblock that is not included.
5.3.2
MICROCHIP TERMS AND ACRONYMS
• Interrupt Aggregator
This is a module that may be present at the chip level, which can combine multiple interrupt sources onto single
interrupt inputs at the EC, causing them to share a vector.
•PMU
Processor Memory Unit, this is a module that may be present at the chip level containing any memory resources
that are closely-coupled to the CEC1712 EC. It manages accesses from both the EC processor and chip-level
bus masters.
5.4
ARM M4 IP Interfaces
This section defines only the interfaces to the ARM IP itself. For the interfaces of the entire block, see Section 5.5, "Block
External Interfaces".
The CEC1712 IP has the following major external interfaces, as shown in Figure 5-1, "ARM M4 Based Embedded Con-
troller I/O Block Diagram":
• ICode AHB-Lite Interface
• DCode AHB-Lite Interface
• System AHB-Lite Interface
• Debug (JTAG) Interface
• Trace Port Interface
• Interrupt Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com