Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEC1712 Datasheet(PDF) 102 Page - Microchip Technology

Part # CEC1712
Description  Cryptographic Embedded Controller
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CEC1712 Datasheet(HTML) 102 Page - Microchip Technology

Back Button CEC1712 Datasheet HTML 98Page - Microchip Technology CEC1712 Datasheet HTML 99Page - Microchip Technology CEC1712 Datasheet HTML 100Page - Microchip Technology CEC1712 Datasheet HTML 101Page - Microchip Technology CEC1712 Datasheet HTML 102Page - Microchip Technology CEC1712 Datasheet HTML 103Page - Microchip Technology CEC1712 Datasheet HTML 104Page - Microchip Technology CEC1712 Datasheet HTML 105Page - Microchip Technology CEC1712 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 338 page
background image
CEC1712
DS00003416C-page 102
 2020-2021 Microchip Technology Inc.
7.12.7
DMA CHANNEL N CONTROL REGISTER
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:26 Reserved
RES
-
-
25 TRANSFER_ABORT
This is used to abort the current transfer on this DMA Channel. The
aborted transfer will be forced to terminate immediately.
R/W
0h
RESET
24 TRANSFER_GO
This is used for the Firmware Flow Control DMA transfer.
This is used to start a transfer under the Firmware Flow Control.
Do not use this in conjunction with the Hardware Flow Control;
DISABLE_HARDWARE_FLOW_CONTROL must be set in order for
this field to function correctly.
R/W
0h
RESET
23 Reserved
RES
-
-
22:20 TRANSFER_SIZE
This is the transfer size in Bytes of each Data Packet transfer.
The transfer size must be a legal transfer size. Valid sizes are 1, 2
and 4 Bytes.
R/W
0h
RESET
19 DISABLE_HARDWARE_FLOW_CONTROL
Setting this bit to ‘1’b will Disable Hardware Flow Control. When
disabled, any DMA Master device attempting to communicate to the
DMA over the DMA Flow Control Interface will be ignored.
This should be set before using the DMA channel in Firmware Flow
Control mode.
R/W
0h
RESET
18 LOCK_CHANNEL
This is used to lock the arbitration of the Channel Arbiter on this
channel once this channel is granted.
Once this is locked, it will remain on the arbiter until it has completed
it transfer (either the Transfer Aborted, Transfer Done or Transfer
Terminated conditions).
Note:
This setting may starve other channels if the locked chan-
nel takes an excessive period of time to complete.
R/W
0h
RESET
17 INCREMENT_DEVICE_ADDRESS
If this bit is ‘1’b, the DEVICE_ADDRESS will be incremented by
TRANSFER_SIZE after every Data Packet transfer
R/W
0h
RESET
16 INCREMENT_MEMORY_ADDRESS
If this bit is ‘1’b, the MEMORY_START_ADDRESS will be incre-
mented by TRANSFER_SIZE after every Data Packet transfer
Note:
If this is not set, the DMA will never terminate the transfer
on its own. It will have to be terminated through the Hard-
ware Flow Control or through a DMA Channel Con-
trol:Transfer Abort.
R/W
0h
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com