Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 43Page - NXP Semiconductors MMPF0100 Datasheet HTML 44Page - NXP Semiconductors MMPF0100 Datasheet HTML 45Page - NXP Semiconductors MMPF0100 Datasheet HTML 46Page - NXP Semiconductors MMPF0100 Datasheet HTML 47Page - NXP Semiconductors MMPF0100 Datasheet HTML 48Page - NXP Semiconductors MMPF0100 Datasheet HTML 49Page - NXP Semiconductors MMPF0100 Datasheet HTML 50Page - NXP Semiconductors MMPF0100 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 136 page
background image
NXP Semiconductors
47
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW1A/B/C (single phase) (continued)
VSW1ABCLOTR
Transient load regulation
• Transient load = 0 to 2.25 A, di/dt = 100 mA/
μs
• Overshoot
• Undershoot
–
–
–
–
50
50
mV
ISW1ABCQ
Quiescent current
• PFM Mode
• APS Mode
–
–
18
145
–
–
µA
RSW1ABCDIS
Discharge resistance
–
600
–
Ω
SW1A/B (single/dual phase)
VINSW1A
VINSW1B
Operating input voltage
2.8
–
4.5
V
VSW1AB
Nominal output voltage
–
Table 41
–V
VSW1ABACC
Output voltage accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW1AB < 2.5 A
• 0.625 V
≤ VSW1AB ≤ 1.450 V
• 1.475 V
≤ VSW1AB ≤ 1.875 V
• PFM, steady state, 2.8 V < VIN < 4.5 V, 0 < ISW1AB < 150 mA
• 0.625 V < VSW1AB < 0.675 V
• 0.7 V < VSW1AB < 0.85 V
• 0.875 V < VSW1AB < 1.875 V
-25
-3.0%
-65
-45
-3.0%
-
-
–
–
–
25
3.0%
65
45
3.0%
mV
%
ISW1AB
Rated output load current,
• 2.8 V < VIN < 4.5 V, 0.625 V < VSW1AB < 1.875 V
–
–
2500
mA
(46)
ISW1ABLIM
Current limiter peak current detection
• SW1A/B single phase (current through inductor)
• SW1ABILIM = 0
• SW1ABILIM = 1
•
• SW1A/B dual phase (current through inductor per phase)
• SW1ABILIM = 0
• SW1ABILIM = 1
4.5
3.3
2.2
1.6
6.5
4.9
3.2
2.4
8.5
6.4
4.3
3.2
A
(46)
VSW1ABOSH
Start-up overshoot
• ISW1AB = 0.0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW1x = 4.5 V, VSW1AB = 1.875 V
––
66
mV
tONSW1AB
Turn-on time
• Enable to 90% of end value
• ISW1AB = 0.0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW1x = 4.5 V, VSW1AB = 1.875 V
–
–
500
µs
fSW1AB
Switching frequency
• SW1ABFREQ[1:0] = 00
• SW1ABFREQ[1:0] = 01
• SW1ABFREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
Table 54. SW1A/B/C electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA,
SW1x_PWRSTG[2:0] = [111], typical external component values, fSW1x = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com