Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 64Page - NXP Semiconductors MMPF0100 Datasheet HTML 65Page - NXP Semiconductors MMPF0100 Datasheet HTML 66Page - NXP Semiconductors MMPF0100 Datasheet HTML 67Page - NXP Semiconductors MMPF0100 Datasheet HTML 68Page - NXP Semiconductors MMPF0100 Datasheet HTML 69Page - NXP Semiconductors MMPF0100 Datasheet HTML 70Page - NXP Semiconductors MMPF0100 Datasheet HTML 71Page - NXP Semiconductors MMPF0100 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 136 page
background image
68
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Switch mode supply SW3a/B (continued)
ISW3xLIM
Current limiter peak current detection
• Single phase (current through inductor)
• SW3xILIM = 0
• SW3xILIM = 1
• Independent mode or dual phase (current through inductor per
phase)
• SW3xILIM = 0
• SW3xILIM = 1
3.5
2.7
1.8
1.3
5.0
3.8
2.5
1.9
6.5
4.9
3.3
2.5
A
VSW3xOSH
Start-up overshoot
• ISW3x = 0.0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW3x = 4.5 V
––
66
mV
tONSW3x
Turn-on time
• Enable to 90% of end value
• ISW3x = 0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW3x = 4.5 V
–
–
500
µs
fSW3x
Switching frequency
• SW3xFREQ[1:0] = 00
• SW3xFREQ[1:0] = 01
• SW3xFREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
ηSW3AB
Efficiency (single phase)
•fSW3 = 2.0 MHz, LSW3x 1.0 μH
• PFM, 1.5 V, 1.0 mA
• PFM, 1.5 V, 50 mA
• APS, PWM 1.5 V, 500 mA
• APS, PWM 1.5 V, 750 mA
• APS, PWM 1.5 V, 1250 mA
• APS, PWM 1.5 V, 2500 mA
–
–
–
–
–
–
84
85
85
84
80
74
–
–
–
–
–
–
%
ΔVSW3x
Output ripple
–
10
–
mV
VSW3xLIR
Line regulation (APS, PWM)
–
–
20
mV
VSW3xLOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW3xLOTR
Transient load regulation
• Transient load = 0.0 mA to ISW3x/2, di/dt = 100 mA/μs
• Overshoot
• Undershoot
–
–
–
–
50
50
mV
ISW3xQ
Quiescent current
• PFM mode (single/dual phase)
• APS mode (single/dual phase)
• PFM mode (independent mode)
• APS mode (SW3A independent mode)
• APS mode (SW3B independent mode)
–
–
–
–
–
22
300
50
250
150
–
–
–
–
–
µA
RONSW3AP
SW3A P-MOSFET RDS(on)
• at VIN = VINSW3A = 3.3 V
–
215
245
m
Ω
RONSW3AN
SW3A N-MOSFET RDS(on)
• at VIN = VINSW3A = 3.3 V
–
258
326
m
Ω
Table 78. SW3A/B electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode unless,
otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111],
and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com