Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 80Page - NXP Semiconductors MMPF0100 Datasheet HTML 81Page - NXP Semiconductors MMPF0100 Datasheet HTML 82Page - NXP Semiconductors MMPF0100 Datasheet HTML 83Page - NXP Semiconductors MMPF0100 Datasheet HTML 84Page - NXP Semiconductors MMPF0100 Datasheet HTML 85Page - NXP Semiconductors MMPF0100 Datasheet HTML 86Page - NXP Semiconductors MMPF0100 Datasheet HTML 87Page - NXP Semiconductors MMPF0100 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 136 page
background image
84
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.4
External components
Table 101 lists the typical component values for the general purpose LDO regulators.
Table 99. Register VGEN5CTL - ADDR 0x70
Name
Bit #
R/W
Default
Description
VGEN5
3:0
R/W
0x80
Sets VGEN5 output voltage.
See Table 93 for all possible configurations.
VGEN5EN
4
–
0x00
Enables or disables VGEN5 output
• 0 = OFF
• 1 = ON
VGEN5STBY
5
R/W
0x00
Set VGEN5 output state when in standby. Refer
to Table 94.
VGEN5LPWR
6
R/W
0x00
Enable low-power mode for VGEN5. Refer to
Table 94.
UNUSED
7
–
0x00
unused
Table 100. Register VGEN6CTL - ADDR 0x71
Name
Bit #
R/W
Default
Description
VGEN6
3:0
R/W
0x80
Sets VGEN6 output voltage.
See Table 93 for all possible configurations.
VGEN6EN
4
–
0x00
Enables or disables VGEN6 output
• 0 = OFF
• 1 = ON
VGEN6STBY
5
R/W
0x00
Set VGEN6 output state when in standby. Refer
to Table 94.
VGEN6LPWR
6
R/W
0x00
Enable low-power mode for VGEN6. Refer to
Table 94.
UNUSED
7
–
0x00
unused
Table 101. LDO external components
Regulator
Output capacitor (
μF)(65)
VGEN1
2.2
VGEN2
4.7
VGEN3
2.2
VGEN4
4.7
VGEN5
2.2
VGEN6
2.2
Notes
65.
Use X5R/X7R ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com