Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 88Page - NXP Semiconductors MMPF0100 Datasheet HTML 89Page - NXP Semiconductors MMPF0100 Datasheet HTML 90Page - NXP Semiconductors MMPF0100 Datasheet HTML 91Page - NXP Semiconductors MMPF0100 Datasheet HTML 92Page - NXP Semiconductors MMPF0100 Datasheet HTML 93Page - NXP Semiconductors MMPF0100 Datasheet HTML 94Page - NXP Semiconductors MMPF0100 Datasheet HTML 95Page - NXP Semiconductors MMPF0100 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 136 page
background image
92
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN5 active mode – DC
VGEN5TOL
Output voltage tolerance
• VIN3MIN < VIN3 < 4.5 V
• 0.0 mA < IGEN5 < 100 mA
• VGEN5[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN5LOR
Load regulation
• (VGEN5 at IGEN5 = 100 mA) - (VGEN5 at IGEN5 = 0.0 mA)
• For any VIN3MIN < VIN3 < 4.5 mV
–0.10–
mV/mA
VGEN5LIR
Line regulation
• (VGEN5 at VIN3 = 4.5 V) - (VGEN5 at VIN3MIN)
• For any 0.0 mA < IGEN5 < 100 mA
–0.50–
mV/mA
IGEN5LIM
Current limit
• IGEN5 when VGEN5 is forced to VGEN5NOM/2
122
167
200
mA
IGEN5OCP
Overcurrent protection threshold
• IGEN5 required to cause the SCP function to disable LDO when
REGSCPEN = 1
120
–
200
mA
IGEN5Q
Quiescent current
• No load, Change in IVIN and IVIN3
• When VGEN5 enabled
–13
–
μA
VGEN5 AC and transient
PSRRVGEN5
PSRR
•IGEN5 = 75 mA, 20 Hz to 20 kHz
• VGEN5[3:0] = 0000 - 1111, VIN3 = VIN3MIN + 100 mV
• VGEN5[3:0] = 0000 - 1111, VIN3 = VGEN5NOM + 1.0 V
35
52
40
60
–
–
dB
(73)
NOISEVGEN5
Output noise density
•VIN3 = VIN3MIN, IGEN5 = 75 mA
• 100 Hz – <1.0 kHz
• 1.0 kHz – <10 kHz
• 10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
√Hz
SLWRVGEN5
Turn-on slew rate
• 10% to 90% of end value
•VIN3MIN ≤ VIN3 ≤ 4.5 mV, IGEN5 = 0.0 mA
• VGEN5[3:0] = 0000 to 0011
• VGEN5[3:0] = 0100 to 0111
• VGEN5[3:0] = 1000 to 1011
• VGEN5[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
/μs
GEN5tON
Turn-on time
• Enable to 90% of end value, VIN3 = VIN3MIN, 4.5 V
• IGEN5 = 0.0 mA
60
–
500
μs
GEN5tOFF
Turn-off time
• Disable to 10% of initial value, VIN3 = VIN3MIN
• IGEN5 = 0.0 mA
––
10
ms
GEN5OSHT
Start-up overshoot
• VIN3 = VIN3MIN, 4.5 V, IGEN5 = 0.0 mA
–1.0
2.0
%
Table 106. VGEN5 electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111, IGEN5 = 10 mA, typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, VIN3 = 3.6 V, VGEN5[3:0] = 1111,
IGEN5 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com