Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 65Page - NXP Semiconductors MMPF0100 Datasheet HTML 66Page - NXP Semiconductors MMPF0100 Datasheet HTML 67Page - NXP Semiconductors MMPF0100 Datasheet HTML 68Page - NXP Semiconductors MMPF0100 Datasheet HTML 69Page - NXP Semiconductors MMPF0100 Datasheet HTML 70Page - NXP Semiconductors MMPF0100 Datasheet HTML 71Page - NXP Semiconductors MMPF0100 Datasheet HTML 72Page - NXP Semiconductors MMPF0100 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 136 page
background image
NXP Semiconductors
69
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 24. SW3AB efficiency waveforms: VIN = 4.2 V; VOUT = 1.5 V; consumer version
Switch Mode Supply SW3a/B (Continued)
ISW3APQ
SW3A P-MOSFET leakage current
• VIN = VINSW3A = 4.5 V
––
7.5
µA
ISW3ANQ
SW3A N-MOSFET leakage current
• VIN = VINSW3A = 4.5 V
––
2.5
µA
RONSW3BP
SW3B P-MOSFET RDS(on)
• at VIN = VINSW3B = 3.3 V
–
215
245
m
Ω
RONSW3BN
SW3B N-MOSFET RDS(on)
• at VIN = VINSW3B = 3.3 V
–
258
326
m
Ω
ISW3BPQ
SW3B P-MOSFET leakage current
• VIN = VINSW3B = 4.5 V
––
7.5
µA
ISW3BPQ
SW3B N-MOSFET leakage current
• VIN = VINSW3B = 4.5 V
––
2.5
µA
RSW3xDIS
Discharge resistance
–
600
–
Ω
Notes
55.
When output is set to > 2.6 V the output follows the input down when VIN gets near 2.8 V.
56.
The higher output voltages available depend on the voltage drop in the conduction path as given by the following equation:
(VINSW3x - VSW3x) = ISW3x* (DCR of inductor +RONSW3xP + PCB trace resistance).
Table 78. SW3A/B electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent mode unless,
otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111],
and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
PFM
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
E
ff
ic
ie
n
c
y
(%
)
Load Current (mA)
APS
PWM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com