Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 78Page - NXP Semiconductors MMPF0100 Datasheet HTML 79Page - NXP Semiconductors MMPF0100 Datasheet HTML 80Page - NXP Semiconductors MMPF0100 Datasheet HTML 81Page - NXP Semiconductors MMPF0100 Datasheet HTML 82Page - NXP Semiconductors MMPF0100 Datasheet HTML 83Page - NXP Semiconductors MMPF0100 Datasheet HTML 84Page - NXP Semiconductors MMPF0100 Datasheet HTML 85Page - NXP Semiconductors MMPF0100 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 136 page
background image
82
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Besides the output voltage configuration, the LDOs can be enabled or disabled at anytime during normal mode operation, as well as
programmed to stay “ON” or be disabled when the PMIC enters Standby mode. Each regulator has associated I2C bits for this. Table 94
presents a summary of all valid combinations of the control bits on VGENxCTL register and the expected behavior of the LDO output.
For more detail information, Table 95 through Table 100 provide a description of all registers necessary to operate all six general purpose
LDO regulators.
3
0011
2.10
4
0100
2.20
5
0101
2.30
6
0110
2.40
7
0111
2.50
8
1000
2.60
9
1001
2.70
10
1010
2.80
11
1011
2.90
12
1100
3.00
13
1101
3.10
14
1110
3.20
15
1111
3.30
Table 94. LDO control
VGENxEN
VGENxLPWR
VGENxSTBY
STANDBY(64)
VGENxOUT
0X
X
X
Off
10
0
X
On
1
1
0
X
Low power
1X
1
0
On
10
1
1
Off
1
1
1
1
Low power
Notes
64.
STANDBY refers to a standby event as described earlier.
Table 95. Register VGEN1CTL - ADDR 0x6C
Name
Bit #
R/W
Default
Description
VGEN1
3:0
R/W
0x80
Sets VGEN1 output voltage.
See Table 92 for all possible configurations.
VGEN1EN
4
–
0x00
Enables or disables VGEN1 output
• 0 = OFF
• 1 = ON
VGEN1STBY
5
R/W
0x00
Set VGEN1 output state when in standby. Refer
to Table 94.
VGEN1LPWR
6
R/W
0x00
Enable low-power mode for VGEN1. Refer to
Table 94.
UNUSED
7
–
0x00
unused
Table 93. VGEN3/ 4/ 5/ 6 output voltage configuration (continued)
Set point
VGENx[3:0]
VGENx output (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com