Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 44Page - NXP Semiconductors MMPF0100 Datasheet HTML 45Page - NXP Semiconductors MMPF0100 Datasheet HTML 46Page - NXP Semiconductors MMPF0100 Datasheet HTML 47Page - NXP Semiconductors MMPF0100 Datasheet HTML 48Page - NXP Semiconductors MMPF0100 Datasheet HTML 49Page - NXP Semiconductors MMPF0100 Datasheet HTML 50Page - NXP Semiconductors MMPF0100 Datasheet HTML 51Page - NXP Semiconductors MMPF0100 Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 136 page
background image
48
NXP Semiconductors
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW1A/B (single/dual phase) (continued)
ηSW1AB
Efficiency (single phase)
•VIN = 3.6 V, fSW1AB = 2.0 MHz, LSW1AB = 1.0 μH
• PFM, 0.9 V, 1.0 mA
• PFM, 1.2 V, 50 mA
• APS, PWM, 1.2 V, 500 mA
• APS, PWM, 1.2 V, 750 mA
• APS, PWM, 1.2 V, 1250 mA
• APS, PWM, 1.2 V, 2500 mA
–
–
–
–
–
–
82
84
86
87
82
71
–
–
–
–
–
–
%
ΔVSW1AB
Output ripple
–
10
–
mV
VSW1ABLIR
Line regulation (APS, PWM)
–
–
20
mV
VSW1ABLOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW1ABLOTR
Transient load regulation
• Transient load = 0 to 1.25 A, di/dt = 100 mA/
μs
• Overshoot
• Undershoot
–
–
–
–
50
50
mV
ISW1ABQ
Quiescent current
• PFM mode
• APS mode
–
–
18
235
–
–
µA
RONSW1AP
SW1A P-MOSFET RDS(on)
• VINSW1A = 3.3 V
–
215
245
m
Ω
RONSW1AN
SW1A N-MOSFET RDS(on)
• VINSW1A = 3.3 V
–
258
326
m
Ω
ISW1APQ
SW1A P-MOSFET leakage current
• VINSW1A = 4.5 V
––
7.5
µA
ISW1ANQ
SW1A N-MOSFET leakage current
• VINSW1A = 4.5 V
––
2.5
µA
RONSW1BP
SW1B P-MOSFET RDS(on)
• VINSW1B = 3.3 V
–
215
245
m
Ω
RONSW1BN
SW1B N-MOSFET RDS(on)
• VINSW1B = 3.3 V
–
258
326
m
Ω
ISW1BPQ
SW1B P-MOSFET leakage current
• VINSW1B = 4.5 V
––
7.5
µA
ISW1BNQ
SW1B N-MOSFET leakage current
• VINSW1B = 4.5 V
––
2.5
µA
RSW1ABDIS
Discharge resistance
–
600
–
Ω
Table 54. SW1A/B/C electrical characteristics (continued)
All parameters are specified at TMIN to TMAX (See Table 3), VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA,
SW1x_PWRSTG[2:0] = [111], typical external component values, fSW1x = 2.0 MHz, unless otherwise noted. Typical values are
characterized at VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com