Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMPF0100 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MMPF0100
Description  14 channel configurable power management integrated circuit
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MMPF0100 Datasheet HTML 71Page - NXP Semiconductors MMPF0100 Datasheet HTML 72Page - NXP Semiconductors MMPF0100 Datasheet HTML 73Page - NXP Semiconductors MMPF0100 Datasheet HTML 74Page - NXP Semiconductors MMPF0100 Datasheet HTML 75Page - NXP Semiconductors MMPF0100 Datasheet HTML 76Page - NXP Semiconductors MMPF0100 Datasheet HTML 77Page - NXP Semiconductors MMPF0100 Datasheet HTML 78Page - NXP Semiconductors MMPF0100 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 136 page
background image
NXP Semiconductors
75
PF0100
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.5.3
SW4 specifications
Table 87. SW4 electrical characteristics
All
parameters
are
specified
at
TMIN to TMAX (See Table 3), VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], typical external component values, fSW4 = 2.0 MHz, single/dual phase and independent mode unless,
otherwise noted. Typical values are characterized at VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA, SW4_PWRSTG[2:0] = [101],
and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW4
VINSW4
Operating input voltage
2.8
–
4.5
V
(59)
VSW4
Nominal output voltage
• Normal operation
• VTT mode
–
–
Table 79
VSW3AFB/2
–
–
V
VSW4ACC
Output voltage accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW4 < 1.0 A
• 0.625 V < VSW4 < 0.85 V
• 0.875 V < VSW4 < 1.975 V
• 2.0 V < VSW4 < 3.3 V
• PFM, steady state, 2.8 V < VIN < 4.5 V, 0 < ISW4 < 50 mA
• 0.625 V < VSW4 < 0.675 V
• 0.7 V < VSW4 < 0.85 V
• 0.875 V < VSW4 < 1.975 V
• 2.0 V < VSW4 < 3.3 V
• VTT Mode , 2.8 V < VIN < 4.5 V, 0 < ISW4 < 1.0 A
-25
-3.0
-6.0
-65
-45
-3.0
-3.0
-40
–
–
–
–
–
–
–
–
25
3.0
6.0
65
45
3.0
3.0
40
mV
%
%
mV
mV
%
%
mV
ISW4
Rated output load current
• 2.8 V < VIN < 4.5 V, 0.625 V < VSW4 < 3.3 V
–
–
1000
mA
(60)
ISW4LIM
Current limiter peak current detection
Current through inductor
• SW4ILIM = 0
• SW4ILIM = 1
1.4
1.0
2.0
1.5
3.0
2.4
A
VSW4OSH
Start-up overshoot
• ISW4 = 0.0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW4 = 4.5 V
––
66
mV
tONSW4
Turn-on time
• Enable to 90% of end value
• ISW4 = 0.0 mA
• DVS clk = 25 mV/4
μs, VIN = VINSW4 = 4.5 V
–
–
500
µs
fSW4
Switching frequency
• SW4FREQ[1:0] = 00
• SW4FREQ[1:0] = 01
• SW4FREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
ηSW4
Efficiency
•fSW4 = 2.0 MHz, LSW4 = 1.0 μH
• PFM, 1.8 V, 1.0 mA
• PFM, 1.8 V, 50 mA
• APS, PWM 1.8 V, 200 mA
• APS, PWM 1.8 V, 500 mA
• APS, PWM 1.8 V, 1000 mA
• PWM 0.75 V, 200 mA
• PWM 0.75 V, 500 mA
• PWM 0.75 V, 1000 mA
–
–
–
–
–
–
–
–
81
78
87
88
83
78
76
66
–
–
–
–
–
–
–
–
%
ΔVSW4
Output ripple
–
10
–
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com