Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 31 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 27Page - Texas Instruments LP8733 Datasheet HTML 28Page - Texas Instruments LP8733 Datasheet HTML 29Page - Texas Instruments LP8733 Datasheet HTML 30Page - Texas Instruments LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
V(VANA)
VANA_UVLO
State Shutdown
Read
OTP
Standby
PGOOD pin
EN pin
VOUT (Buck1)
VOUT (LDO0)
Buck1 internal powergood
LDO0 internal powergood
Active
800 µs Timer
Buck internal enable
800 µs Timer
LDO0 internal enable
4 ms
2 ms
Clear fault
Figure 7-10. PGOOD Pin Operation in Gated Mode
7.3.8.1.2 PGOOD Pin Continuous Mode
The continuous (or invalid) mode of operation is selected by setting the PGOOD_MODE bit to 1 in the
PGOOD_CTRL_2 register.
For the continuous mode of operation, PGOOD behaves as follows:
• PGOOD is set to active or asserted state upon exiting OTP configuration.
• PGOOD is set to inactive or de-asserted as soon as the regulator is enabled.
• PGOOD status begins indicating output voltage regulation status immediately and continuously.
• During power-up sequencing and requested voltage changes, PGOOD will toggle between inactive or
de-asserted while output voltages are outside of regulation ranges and active or asserted when inside of
regulation ranges.
The PG_FAULT register bits are latched, and maintain the fault information until the host clears the fault bit by
writing 1 to the bit. The PGOOD signal also indicates a thermal shutdown and input overvoltage interrupts, which
are cleared by clearing the interrupt bits.
When the regulator voltage is transitioning from one target voltage to another, the PGOOD signal becomes
inactive.
7.3.8.1.3 PGOOD Pin Inactive Mode
When the PGOOD signal becomes inactive, the source for the fault can be read from the PG_FAULT register.
If the invalid output voltage becomes valid again, then the PGOOD signal becomes active. Thus the PGOOD
signal always shows if the monitored output voltages are valid. The block diagram for this operation is shown in
Figure 7-11 and an example of operation is shown in Figure 7-12.
The PGOOD signal can also be configured so that it maintains an inactive state even when the monitored
outputs are valid, but there are PG_FAULT_x bits in the PG_FAULT register pending clearance. This type of
operation is selected by setting the PGFAULT_GATES_PGOOD bit to 1 in the PGOOD_CTRL_2 register.
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com