Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 18Page - Texas Instruments LP8733 Datasheet HTML 19Page - Texas Instruments LP8733 Datasheet HTML 20Page - Texas Instruments LP8733 Datasheet HTML 21Page - Texas Instruments LP8733 Datasheet HTML 22Page - Texas Instruments LP8733 Datasheet HTML 23Page - Texas Instruments LP8733 Datasheet HTML 24Page - Texas Instruments LP8733 Datasheet HTML 25Page - Texas Instruments LP8733 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 84 page
background image
24 MHz
RC
Oscillator
CLKIN
Divider
´(;7
_CLK
_)5(4´
PLL
Divider
24
CLKIN
Detector
Clock Select
Logic
Internal
24 MHz
clock
1 MHz
1 MHz
´(1
_3//´
24 MHz
Figure 7-5. Clock and PLL Module
Table 7-2. PLL Operation
DEVICE
OPERATION MODE
EN_PLL
PLL AND CLOCK
DETECTOR STATE
INTERRUPT FOR
EXTERNAL CLOCK
CLOCK
STANDBY
0
Disabled
No
Internal RC
ACTIVE
0
Disabled
No
Internal RC
STANDBY
1
Enabled
When external clock
appears or disappears
Automatic change to external
clock when available
ACTIVE
1
Enabled
When external clock
appears or disappears
Automatic change to external
clock when available
7.3.3 Low-Dropout Linear Regulators (LDOs)
The LP8733xx device includes two identical linear regulators, LDO0 and LDO1, which target analog loads with
low noise requirements. The LDO regulators deliver 0.8-V to 3.3-V regulated voltage rails from a 2.5-V to 5.5-V
input voltage. Both regulators have dedicated inputs which can be higher or lower than the device system
voltage V(VANA) to minimize the power dissipation.
7.3.4 Power-Up
The power-up sequence for the LP8733xx is as follows:
• The VANA and VIN_Bx reach minimum recommended levels (VVANA > VANAUVLO). This initiates power-on-
reset (POR), OTP reading, and enables the system I/O interface. The I2C host should allow at least 1.2 ms
before writing or reading data to the LP8733xx.
• The device enters standby mode.
• The host can change the default register setting by I2C if needed.
• The regulators can be enabled and disabled.
• The GPO signals can be controlled by the EN pin and the I2C interface.
Transitions between the operating modes are shown in Section 7.4.1.
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com