Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 63 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
SW_B0
VIN_B0
VIN_B1
VANA
VIN
FB_B0
VOUT_B0
LOAD
SDA
SCL
nINT
CLKIN (GPO2)
GNDs
EN
GPO
SW_B1
FB_B1
PGOOD
VOUT_LDO1
VOUT_LDO0
VIN_LDO0
VIN_LDO1
VOUT_LDO0
VOUT_LDO1
Copyright © 2017, Texas Instruments Incorporated
COUT_BUCK0
COUT_BUCK1
COUT_LDO1
COUT_LDO0
CIN_LDO1
CIN_LDO0
CIN_BUCK0
CIN_BUCK1
CANA
L0
L1
CPOL_BUCK
Figure 8-2. Single Dual-Phase Buck Output Configuration
8.2.1 Design Requirements
8.2.1.1 Inductor Selection
The inductors L0 and L1 are shown in the Section 8.2. The inductance and DCR of the inductor affects the
control loop of the buck regulator. TI recommends using inductors similar to those listed in Table 8-1. Pay
attention to the saturation current and temperature rise current of the inductor. Check that the saturation current
is higher than the peak current limit and the temperature rise current is higher than the maximum expected rms
output current. The minimum effective inductance to ensure good performance is 0.22 μH at maximum peak
output current over the operating temperature range. DC resistance of the inductor must be less than 0.05 Ω
for good efficiency at high-current conditions. The inductor AC loss also affects conversion efficiency. Higher Q
factor at switching frequency usually gives better efficiency at light load to middle load. Shielded inductors are
preferred, as they radiate less noise.
Table 8-1. Recommended Inductors
MANUFACTURER
PART NUMBER
VALUE
DIMENSIONS L × W × H (mm)
RATED DC CURRENT
ISAT maximum (typical) /
ITEMP maximum (typical) (A)
DCR
typical / maximum
(mΩ)
TOKO
DFE252012PD-
R47M
0.47 µH (20%)
2.5 × 2 × 1.2
5.2 (–) / 4 (–)(1)
— / 27
Tayo Yuden
MDMK2020TR47MM
V
0.47 µH (20%)
2 × 2 ×1.2
4.2 (4.8) / 2.3 (2.45)
40 / 46
(1)
Operating temperature range is up to 125°C including self temperature rise.
8.2.1.2 Buck Input Capacitor Selection
The input capacitors CIN_BUCK0 and CIN_BUCK1 are shown in the Section 8.2. A ceramic input bypass capacitor of
10 μF is required for each phase of the regulator. Place the input capacitor as close as possible to the VIN_Bx
pin and PGND_Bx pin of the device. A larger value or higher voltage rating improves the input voltage filtering.
Use X7R type of capacitors, not Y5V or F. Also, the DC bias characteristics capacitors must be considered.
The minimum effective input capacitance to ensure good performance is 1.9 μF per buck input at maximum
input voltage including tolerances, ambient temperature range, and aging (assuming at least 22 μF of additional
capacitance is common for all the power input pins on the system power rail). See Table 8-2.
The input filter capacitor supplies current to the high-side FET switch in the first half of each cycle and reduces
voltage ripple imposed on the input power source. The low ESR of the ceramic capacitor provides the best
noise filtering of the input voltage spikes due to this rapidly changing current. Select an input filter capacitor with
sufficient ripple current rating. In addition, ferrite can be used in front of the input capacitor to reduce the EMI.
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
63
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com