Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 72 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 72 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 68Page - Texas Instruments LP8733 Datasheet HTML 69Page - Texas Instruments LP8733 Datasheet HTML 70Page - Texas Instruments LP8733 Datasheet HTML 71Page - Texas Instruments LP8733 Datasheet HTML 72Page - Texas Instruments LP8733 Datasheet HTML 73Page - Texas Instruments LP8733 Datasheet HTML 74Page - Texas Instruments LP8733 Datasheet HTML 75Page - Texas Instruments LP8733 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
IOUT = 0.1 A → 2 A
→ 0.1 A
TR = TF = 400 ns
Figure 8-34. Buck Transient Load Step Response,
AUTO Mode (Single-Phase Output)
IOUT = 0.1 A → 4 A
→ 0.1 A
TR = TF = 400 ns
Figure 8-35. Buck Transient Load Step Response,
AUTO Mode (Dual-Phase Output)
IOUT = 0.1 A → 2 A
→ 0.1 A
TR = TF = 400 ns
Figure 8-36. Buck Transient Load Step Response,
Forced PWM Mode (Single-Phase Output)
IOUT = 0.1 A → 4 A
→ 0.1 A
TR = TF = 400 ns
Figure 8-37. Buck Transient Load Step Response,
Forced PWM Mode (Dual-Phase Output)
VOUT(200mV/div)
Time (400 µs/div)
Figure 8-38. Buck VOUT Transition from 0.6 V to 1.4
V With Different Slew Rate Settings
VOUT(200mV/div)
Time (400 µs/div)
Figure 8-39. Buck VOUT Transition from 1.4 V to 0.6
V With Different Slew Rate Settings
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
72
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com