Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
7.3.8.3.1 Short-Circuit and Overload Protection
A short-circuit protection feature allows the LP8733xx to protect itself and the external components against
a short circuit at the output or against overload during start-up. For the buck and LDO regulators, the fault
thresholds are about 350 mV (buck) and 300 mV (LDO). The protection is triggered and the regulator is disabled
if the output voltage is below the threshold level (1 ms) after the regulator is enabled.
In a similar way, the overload situation is protected during normal operation. If the output voltage falls below 0.35
V and 0.3 V and remains below the threshold level for 1 ms, then the regulator is disabled.
In Buck regulator short-circuit and overload situations, the BUCKx_SC_INT bit in the INT_BUCK register and the
INT_BUCKx bit in the INT_TOP_1 register are set to 1, the BUCKx_STAT bit in BUCK_STAT register is set to
0, and the nINT signal is pulled low. In LDO regulator short-circuit and overload situations, the LDOx_SC_INT
bit in the INT_LDO register and the INT_LDOx bit in the INT_TOP_1 register are set to 1, the LDOx_STAT bit in
the LDO_STAT register is set to 0, and the nINT signal is pulled low. The host processor clears the interrupt by
writing 1 to the BUCKx_SC_INT or to the LDOx_SC_INT bit. Upon clearing the interrupt, the regulator makes a
new start-up attempt if the regulator is in an enabled state.
7.3.8.3.2 Overvoltage Protection
The LP8733xx device monitors the input voltage from the VANA pin in standby and active operation modes. If
the input voltage rises above the VANAOVP voltage level, the following occurs:
• All regulators are disabled immediately (without switching ramp or shutdown delays).
• The pull-down resistors discharge the output voltages, if the pull-down resistors are enabled (the
BUCKx_RDIS_EN = 1 in the BUCKx_CTRL_1 register and the LDOx_RDIS_EN = 1 in the LDOx_CTRL
register).
• The GPOs are set to logic low level.
• The nINT signal is pulled low.
• The OVP_INT bit in the INT_TOP_1 register is set to 1.
• The BUCKx_STAT bit in the BUCK_STAT register and the LDOx_STAT bit in the LDO_STAT register are set
to 0.
The host processor clears the interrupt by writing 1 to the OVP_INT bit. If the input voltage is above the
overvoltage detection level, then the interrupt is not cleared. The host can read the status of the overvoltage
from the OVP_STAT bit in the TOP_STAT register. The regulators cannot be enabled as long as the input
voltage is above the overvoltage detection level or while the overvoltage interrupt is pending.
7.3.8.3.3 Thermal Shutdown
The LP8733xx has an overtemperature protection function that operates to protect itself from short-term misuse
and overload conditions. When the junction temperature exceeds around 150°C, the regulators are disabled
immediately (without switching ramp and shutdown delays), the TDIE_SD_INT bit in the INT_TOP_1 register is
set to 1, the nINT signal is pulled low, and the device enters STANDBY. The nINT is cleared by writing 1 to
the TDIE_SD_INT bit. If the temperature is above thermal shutdown level, then the interrupt is not cleared. The
host can read the status of the thermal shutdown from the TDIE_SD_STAT bit in the TOP_STAT register. The
regulators cannot be enabled as long as the junction temperature is above the thermal shutdown level or while
the thermal shutdown interrupt is pending.
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com