Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 74 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 70Page - Texas Instruments LP8733 Datasheet HTML 71Page - Texas Instruments LP8733 Datasheet HTML 72Page - Texas Instruments LP8733 Datasheet HTML 73Page - Texas Instruments LP8733 Datasheet HTML 74Page - Texas Instruments LP8733 Datasheet HTML 75Page - Texas Instruments LP8733 Datasheet HTML 76Page - Texas Instruments LP8733 Datasheet HTML 77Page - Texas Instruments LP8733 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 84 page
background image
RLOAD = 3.3 Ω
VOUT = 1 V
Figure 8-46. LDO Start-Up
ILOAD = 0 A
VOUT = 1 V
Figure 8-47. LDO Shutdown
IOUT = 0 A → 0.3 A → 0 A
TR = TF = 1 µs
Figure 8-48. LDO Transient Load Step Response
Figure 8-49. LDO VOUT Transition from 1.8 V to 1.2
V
Figure 8-50. LDO VOUT Transition from 1.2 V to 1.8
V
Start-up
delay is 500
µs
Figure 8-51. LDO Start-Up With Short on Output
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.8 V and 5.5 V. The VANA
input and VIN_Bx buck inputs must be connected together, and they must use the same input supply. This input
supply must be well regulated and able to withstand maximum input current and maintain stable voltage without
voltage drop even at load transition condition. The resistance of the input supply rail must be low enough that
the input current transient does not cause too high a drop in the LP8733xx supply voltage that can cause false
UVLO fault triggering. If the input supply is located more than a few inches from the LP8733xx, additional bulk
capacitance may be required in addition to the ceramic bypass capacitors. The VIN_LDOx LDO input supply
voltage range is 2.5 V to 5.5 V and can be higher or lower than VANA supply voltage.
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
74
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com