Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 64 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments LP8733 Datasheet HTML 64Page - Texas Instruments LP8733 Datasheet HTML 65Page - Texas Instruments LP8733 Datasheet HTML 66Page - Texas Instruments LP8733 Datasheet HTML 67Page - Texas Instruments LP8733 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
Table 8-2. Recommended Buck Input Capacitor (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM21BR71A106KE22
10 µF (10%)
0805
2 × 1.25 × 1.25
10 V
8.2.1.3 Buck Output Capacitor Selection
The output capacitor COUT_BUCK0 and COUT_BUCK1 are shown in Section 8.2. A ceramic local output capacitor
of 22 μF is required per phase. Use ceramic capacitors, X7R type; do not use Y5V or F. DC bias voltage
characteristics of ceramic capacitors must be considered. The output filter capacitor smooths out current flow
from the inductor to the load, which helps maintain a steady output voltage during transient load changes and
reduces output voltage ripple. These capacitors must be selected with sufficient capacitance and sufficiently
low ESR and ESL to perform these functions. The minimum effective output capacitance to ensure good
performance is 10 μF per phase, including the DC voltage rolloff, tolerances, aging, and temperature effects.
The output voltage ripple is caused by the charging and discharging of the output capacitor and due to its RESR.
The RESR is frequency dependent (and temperature dependent); ensure the value used for selection process is
at the switching frequency of the part. See Table 8-3.
POL capacitors CPOL_BUCKx can be used to improve load transient performance and to decrease the ripple
voltage. A higher output capacitance improves the load step behavior, reduces the output voltage ripple, and
decreases the PFM switching frequency. However, output capacitance higher than 150 μF per phase is not
necessarily of any benefit. The output capacitor may be the limiting factor in the output voltage ramp, see
Section 6 for maximum output capacitance for different slew-rate settings. For large output capacitors, the
output voltage might be slower than the programmed ramp rate at voltage transitions, because of the higher
energy stored on the output capacitance. Also at start-up, the time required to charge the output capacitor to
target value might be longer. At shutdown, the output voltage is discharged to a 0.6 V level using forced-PWM
operation. This can increase the input voltage if the load current is small and the output capacitor is large
compared to input capacitor. Below the 0.6 V level, the output capacitor is discharged by the internal discharge
resistor, and with large capacitor more time is required to settle VOUT down as a consequence of the increased
time constant.
Table 8-3. Recommended Buck Output Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM31CR71A226KE02
22 µF (10%)
1206
3.2 × 1.6 × 1.6
10 V
8.2.1.4 LDO Input Capacitor Selection
The input capacitors CIN_LDO0 and CIN_LDO1 are shown in the Table 8-4. A ceramic input capacitor of 2.2 μF, 6.3
V is sufficient for most applications. Place the input capacitor as close as possible to the VIN_LDOx pin and
AGND pin of the device. A larger value or higher voltage rating improves the input voltage filtering. Use X7R type
of capacitors, not Y5V or F. DC bias characteristics of capacitors must be considered, the minimum effective
input capacitance to ensure good performance is 0.6 μF per LDO input at maximum input voltage including
tolerances, ambient temperature range, and aging. See Table 8-4.
Table 8-4. Recommended LDO Input Capacitors (X7R Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
DIMENSIONS L × W × H
(mm)
VOLTAGE RATING
Murata
GCM188R70J225KE22
2.2 µF (10%)
0603
1.6 × 0.8 × 0.8
6.3 V
Murata
GCM21BR71C475KA73
4.7 µF (10%)
0805
2 × 1.25 × 1.25
16 V
8.2.1.5 LDO Output Capacitor Selection
The output capacitors COUT_LDO0 and COUT_LDO1 are shown in the Section 8.2. A ceramic output capacitor of
minimum 1.0 μF is required. Place the output capacitor as close to the VOUT_LDOx pin and AGND pin of the
device as possible. Use X7R type of capacitors, not Y5V or F. DC bias characteristics of capacitors must be
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
64
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com