Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 26Page - Texas Instruments LP8733 Datasheet HTML 27Page - Texas Instruments LP8733 Datasheet HTML 28Page - Texas Instruments LP8733 Datasheet HTML 29Page - Texas Instruments LP8733 Datasheet HTML 30Page - Texas Instruments LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 84 page
background image
7.3.8.1 Power-Good Information (PGOOD pin)
In addition to the interrupt-based indication of the current limit and the Power-Good level, the LP8733xx device
supports monitoring with PGOOD signal:
• Regulator output voltage
• Input supply overvoltage
• Thermal warning
• Thermal shutdown
The regulator output voltage monitoring (not current limit monitoring) can be selected for the PGOOD
indication. This selection is individual for both buck regulators (only master buck in dual-phase configuration)
and LDO regulators, and is set by the EN_PGOOD_BUCKx bits in the PGOOD_CTRL_1 register and the
EN_PGOOD_LDOx bits in the PGOOD_CTRL_1 register. When a regulator is disabled, the monitoring is
automatically masked to prevent it forcing the PGOOD inactive. A thermal warning can also be selected for
the PGOOD indication with the EN_PGOOD_TWARN bit in the PGOOD_CTRL_2 register. The monitoring from
all the output rails, thermal warning (TDIE_WARN_STAT), input overvoltage interrupt (OVP_INT), and thermal
shutdown interrupt (TDIE_SD_INT) are combined, and the PGOOD pin is active only if all the selected sources
shows a valid status.
The type of output voltage monitoring for the PGOOD signal is selected by the PGOOD_WINDOW_x bits in the
PGOOD_CTRL_1 register. If the bit is 0, only undervoltage is monitored; if the bit is 1, both undervoltage and
overvoltage are monitored.
The polarity and the output type (push-pull or open-drain) are selected by the PGOOD_POL and PGOOD_OD
bits in the PGOOD_CTRL_1 register.
The PGOOD is only active and asserted when all enabled power resource output voltages are within specified
tolerance for each requested and programmed output voltage.
The PGOOD is inactive and de-asserted if any enabled power resource output voltages is outside specified
tolerance for each requested and programmed output voltage.
The device OTP setting selects either gated (or unusual) or continuous (or invalid) mode of operation.
7.3.8.1.1 PGOOD Pin Gated Mode
The gated (or unusual) mode of operation is selected by setting the PGOOD_MODE bit to 0 in the
PGOOD_CTRL_2 register.
For the gated mode of operation, the PGOOD behaves as follows:
• PGOOD is set to active or asserted state upon exiting the OTP configuration as an initial default state.
• PGOOD status is suspended or unchanged during an 800-µs gated time period, thereby gating-off the status
indication.
• During normal power-up sequencing and requested voltage changes, the PGOOD state is not changed
during an 800-µs gated time period. It typically remains active or asserted for normal conditions.
• During an abnormal power-up sequencing and requested voltage changes, the PGOOD status could change
to inactive or de-asserted after an 800-µs gated time period if any output voltage is outside of regulation
range.
• Using the gated mode of operation could allow the PGOOD signal to initiate an immediate power
shutdown sequence if the PGOOD signal is wired-OR with signal connected to the EN input. This type of
circuit configuration provides a smart PORz function for processor that eliminates the need for additional
components to generate PORz upon start-up and to monitor voltage levels of key voltage domains.
Each detected fault sets the correcting fault bit in the PG_FAULT register to 1. The detected fault must be
cleared to continue the PGOOD monitoring. The overvoltage and thermal shutdown are cleared by writing 1
to the OVP_INT and TDIE_SD_INT interrupt bits in the INT_TOP_1 register. The regulator fault is cleared by
writing 1 to the corresponding register bit in the PG_FAULT register. The interrupts can also be cleared with the
VANA UVLO by toggling the input supply. An example of the PGOOD pin operation in gated mode is shown in
Figure 7-10.
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com