Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 59 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments LP8733 Datasheet HTML 58Page - Texas Instruments LP8733 Datasheet HTML 59Page - Texas Instruments LP8733 Datasheet HTML 60Page - Texas Instruments LP8733 Datasheet HTML 61Page - Texas Instruments LP8733 Datasheet HTML 62Page - Texas Instruments LP8733 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
Table 7-77. BUCK_MASK Register Field Descriptions (continued)
Bits
Field
Type
Default
Description
6
BUCK1_PGR_MAS
K
R/W
X
Masking of the Power Good valid detection for the Buck1 Power Good interrupt
(BUCK1_PG_INT in INT_BUCK register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the BUCK1_PG_STAT status bit in the BUCK_STAT register.
5
Reserved - do not
use
R
0
4
BUCK1_ILIM
_MASK
R/W
X
Masking for the Buck1 current limit detection interrupt (BUCK1_ILIM_INT in
INT_BUCK register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the BUCK1_ILIM_STAT status bit in the BUCK_STAT register.
3
BUCK0_PGF_MAS
K
R/W
X
Masking of the Power Good invalid detection for the Buck0 power good interrupt
(BUCK0_PG_INT in INT_BUCK register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect BUCK0_PG_STAT status bit in BUCK_STAT register.
2
BUCK0_PGR_MAS
K
R/W
X
Masking of the Power Good valid detection for the Buck0 power good interrupt
(BUCK0_PG_INT in INT_BUCK register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the BUCK0_PG_STAT status bit in the BUCK_STAT register.
1
Reserved - do not
use
R
0
0
BUCK0_ILIM
_MASK
R/W
X
Masking for the Buck0 current limit detection interrupt (BUCK0_ILIM_INT in
INT_BUCK register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the BUCK0_ILIM_STAT status bit in the BUCK_STAT register.
7.6.1.36 LDO_MASK
LDO_MASK is shown in Table 7-79, Address: 0x23
Table 7-78. LDO_MASK Register
D7
D6
D5
D4
D3
D2
D1
D0
LDO1_PGF
_MASK
LDO1_PGR
_MASK
Reserved - do
not use
LDO1_ILIM
_MASK
LDO0_PGF
_MASK
LDO0_PGR
_MASK
Reserved - do
not use
LDO0_ILIM
_MASK
Table 7-79. LDO_MASK Register Field Descriptions
Bits
Field
Type
Default
Description
7
LDO1_PGF_MASK
R/W
X
Masking of the Power Good invalid detection for the LDO1 power good interrupt
(LDO1_PG_INT in INT_LDO register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the LDO1_PG_STAT status bit in the LDO_STAT register.
6
LDO1_PGR_MASK
R/W
X
Masking of the Power Good valid detection for the LDO1 power good interrupt
(LDO1_PG_INT in INT_LDO register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the LDO1_PG_STAT status bit in the LDO_STAT register.
5
Reserved - do not
use
R
0
4
LDO1_ILIM
_MASK
R/W
X
Masking for the LDO1 current limit detection interrupt (LDO1_ILIM_INT in INT_LDO
register):
0 - Interrupt is generated.
1 - Interrupt is not generated.
This bit does not affect the LDO1_ILIM_STAT status bit in the LDO_STAT register.
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
59
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com