Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 16Page - Texas Instruments LP8733 Datasheet HTML 17Page - Texas Instruments LP8733 Datasheet HTML 18Page - Texas Instruments LP8733 Datasheet HTML 19Page - Texas Instruments LP8733 Datasheet HTML 20Page - Texas Instruments LP8733 Datasheet HTML 21Page - Texas Instruments LP8733 Datasheet HTML 22Page - Texas Instruments LP8733 Datasheet HTML 23Page - Texas Instruments LP8733 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 84 page
background image
IL_TOT_2PH
IL0
IL1
0
90
180
270
360
450
540
630
720
PWM0
0
90
180
270
360
450
540
630
720
PWM1
SWITCHING CYCLE 360º
PHASE, DEGREES
Figure 7-3. PWM Timings and Inductor Current Waveforms in 2-phase Configuration. (UPDATE) 2
7.3.1.3 Transition Between PWM and PFM Modes
The PWM mode operation with phase-adding and shedding optimizes efficiency at mid to full load at the
expense of light-load efficiency. The LP8733xx converter operates in the PWM mode at load current of about
600 mA or higher. At lighter load current levels the device automatically switches into the PFM mode for reduced
current consumption when forced PWM mode is disabled (AUTO mode operation). By combining the PFM and
the PWM modes, a high efficiency is achieved over a wide output-load current range.
7.3.1.4 Dual-Phase Switcher Configurations
The LP8733xx device supports the following regulator configurations:
• Single dual-phase configuration, Buck0 is master (Buck0 and Buck1)
• Two single-phase configuration (Buck0 and Buck1)
In the dual-phase configuration the control of the dual-phase regulator settings is done using the control registers
of the master buck. The following slave registers are ignored:
• The BUCK1_CTRL_1 (except the EN_RDIS1 bit)
• The BUCK1_CTRL_2 (except the ILIM1[2:0] bits)
• The BUCK1_VOUT
• The BUCK1_DELAY
• The Interrupt bits related to the slave buck (except the BUCK1_ILIM_INT)
7.3.1.5 Buck Converter Load Current Measurement
The buck load current can be monitored through I2C registers. The monitored buck converter is selected with
the LOAD_CURRENT_BUCK_SELECT bit in the SEL_I_LOAD register. A write to this selection register starts a
current measurement sequence. The regulator is automatically forced to the PWM mode for the measurement
period. The measurement sequence is 50 µs long, maximum.
2 Graph is not in scale and is for illustrative purposes only.
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com