Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 29Page - Texas Instruments LP8733 Datasheet HTML 30Page - Texas Instruments LP8733 Datasheet HTML 31Page - Texas Instruments LP8733 Datasheet HTML 32Page - Texas Instruments LP8733 Datasheet HTML 33Page - Texas Instruments LP8733 Datasheet HTML 34Page - Texas Instruments LP8733 Datasheet HTML 35Page - Texas Instruments LP8733 Datasheet HTML 36Page - Texas Instruments LP8733 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
7.3.8.2 Warnings for Diagnosis (Interrupt)
7.3.8.2.1 Output Power Limit
The Buck regulators have programmable output peak current limits. The limits are individually programmed
for both regulators with the BUCKx_ILIM[2:0] bits in the BUCKx_CTRL_2 register. The current limit settings
of master and slave regulators used for the same output voltage rail must be identical. If the load current
is increased so that the current limit is triggered, then the regulator continues to regulate at the limit current
level (peak current regulation). The voltage may decrease if the load current is higher than the limit current.
If the current regulation continues for 20 µs, than the LP8733xx device sets the BUCKx_ILIM_INT bit in the
INT_BUCK register and pulls the nINT pin low. The host processor can read the BUCKx_ILIM_STAT bits in
the BUCK_STAT register to see if the regulator is still in peak current regulation mode, and the interrupt is
cleared by writing 1 to the BUCKx_ILIM_INT bit. The current limit interrupt can be masked by setting the
BUCKx_ILIM_MASK bit in the BUCK_MASK register to 1. The Buck overload situation is shown in Figure 7-13.
Time
Voltage
VOUTx
350 mV
Time
Current
ILIMx
INT_BUCK(BUCKx_ILIM_INT)
20 µs
nINT
BUCK_STAT(BUCKx_STAT)
1
Resistive
pull-down
1
Regulator disabled by
digital
Host clearing the interrupt by writing to flags
New startup if
enable is valid
1 ms
0
1
0
0
INT_BUCK(BUCKx_SC_INT)
0
1
0
Figure 7-13. Buck Regulator Overload Situation
The LDO regulators also include current limit circuitry. If the load current is increased so that the current limit
is triggered, the regulator limits the output current to the threshold level. The voltage may decrease if the load
current is higher than the current limit. If the current regulation continues for 20 µs, the LP8733xx device sets
the LDOx_ILIM_INT bit in the INT_LDO register and pulls the nINT pin low. The host processor can read the
LDOx_ILIM_STAT bits in the LDO_STAT register to see if the regulator is still in current regulation mode and the
interrupt is cleared by writing 1 to the LDOx_ILIM_INT bit. The current limit interrupt can be masked by setting
the LDOx_ILIM_MASK bit in the LDO_MASK register to 1. The LDO overload situation is shown in Figure 7-14.
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com