Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 41 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 37Page - Texas Instruments LP8733 Datasheet HTML 38Page - Texas Instruments LP8733 Datasheet HTML 39Page - Texas Instruments LP8733 Datasheet HTML 40Page - Texas Instruments LP8733 Datasheet HTML 41Page - Texas Instruments LP8733 Datasheet HTML 42Page - Texas Instruments LP8733 Datasheet HTML 43Page - Texas Instruments LP8733 Datasheet HTML 44Page - Texas Instruments LP8733 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
7.6 Register Maps
7.6.1 Register Descriptions
The LP8733xx is controlled by a set of registers through the I2C-compatible interface. The device registers
addresses and abbreviations are listed in Table 7-7. A more detailed description is given in the Section 7.6.1.1 to
Section 7.6.1.39 sections.
Note
This register map describes the default values for bits that are not read from OTP memory. The
orderable code and the default register bit values are defined in part-number specific Technical
Reference Manuals.
Table 7-7. Summary of LP8733xx Control Registers
Addr
Register
Read / Write D7
D6
D5
D4
D3
D2
D1
D0
0x00
DEV_REV
R
DEVICE_ID[1:0]
Reserved - do not use
0x01
OTP_REV
R
OTP_ID[7:0]
0x02
BUCK0_
CTRL_1
R/W
Reserved - do not use
BUCK0_FP
WM_MP
BUCK0_FP
WM
BUCK0_RDI
S_EN
BUCK0_
EN_PIN_CT
RL
BUCK0_EN
0x03
BUCK0_
CTRL_2
R/W
Reserved - do not use
BUCK0_ILIM[2:0]
BUCK0_SLEW_RATE[2:0]
0x04
BUCK1_
CTRL_1
R/W
Reserved - do not use
BUCK1_FP
WM
BUCK1_RDI
S_EN
BUCK1_
EN_PIN_CT
RL
BUCK1_EN
0x05
BUCK1_
CTRL_2
R/W
Reserved - do not use
BUCK1_ILIM[2:0]
BUCK1_SLEW_RATE[2:0]
0x06
BUCK0_
VOUT
R/W
BUCK0_VSET[7:0]
0x07
BUCK1_
VOUT
R/W
BUCK1_VSET[7:0]
0x08
LDO0_
CTRL
R/W
Reserved - do not use
LDO0_RDIS
_EN
LDO0_
EN_PIN_CT
RL
LDO0_EN
0x09
LDO1_
CTRL
R/W
Reserved - do not use
LDO1_RDIS
_EN
LDO1_
EN_PIN_CT
RL
LDO1_EN
0x0A
LDO0_
VOUT
R/W
Reserved - do not use
LDO0_VSET[4:0]
0x0B
LDO1_
VOUT
R/W
Reserved - do not use
LDO1_VSET[4:0]
0x0C
BUCK0_
DELAY
R/W
BUCK0_SHUTDOWN_DELAY[3:0]
BUCK0_STARTUP_DELAY[3:0]
0x0D
BUCK1_
DELAY
R/W
BUCK1_SHUTDOWN_DELAY[3:0]
BUCK1_STARTUP_DELAY[3:0]
0x0E
LDO0_
DELAY
R/W
LDO0_SHUTDOWN_DELAY[3:0]
LDO0_STARTUP_DELAY[3:0]
0x0F
LDO1_
DELAY
R/W
LDO1_SHUTDOWN_DELAY[3:0]
LDO1_STARTUP_DELAY[3:0]
0x10
GPO_
DELAY
R/W
GPO_SHUTDOWN_DELAY[3:0]
GPO_STARTUP_DELAY[3:0]
0x11
GPO2_
DELAY
R/W
GPO2_SHUTDOWN_DELAY[3:0]
GPO2_STARTUP_DELAY[3:0]
0x12
GPO_
CTRL
R/W
Reserved -
do not use
GPO2_OD
GPO2_
EN_PIN_CT
RL
GPO2_EN
Reserved -
do not use
GPO_OD
GPO_
EN_PIN_CT
RL
GPO_EN
0x13
CONFIG
R/W
Reserved -
do not use
STARTUP_D
ELAY_SEL
SHUTDOW
N_DELAY_S
EL
CLKIN_PIN_
SEL
CLKIN_PD
EN_PD
TDIE
_WARN
_LEVEL
EN_
SPREAD
_SPEC
0x14
PLL_CTRL
R/W
Reserved -
do not use
EN_PLL
Reserved -
do not use
EXT_CLK_FREQ[4:0]
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com