Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 24 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 20Page - Texas Instruments LP8733 Datasheet HTML 21Page - Texas Instruments LP8733 Datasheet HTML 22Page - Texas Instruments LP8733 Datasheet HTML 23Page - Texas Instruments LP8733 Datasheet HTML 24Page - Texas Instruments LP8733 Datasheet HTML 25Page - Texas Instruments LP8733 Datasheet HTML 26Page - Texas Instruments LP8733 Datasheet HTML 27Page - Texas Instruments LP8733 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
0.6V
Enable
Time
Voltage
Soft start
Ramp
BUCKx_CTRL_2(BUCKx_SLEW_RATE[2:0])
Resistive pull-down
(if enabled)
BUCKx_VSET[7:0]
INT_BUCK(BUCKx_PG_INT)
nINT
Powergood
BUCK_STAT(BUCKx_PG_STAT)
0.35V
Voltage decrease because of load
BUCK_STAT(BUCKx_STAT)
BUCK_MASK(BUCKx_PGF_MASK) = 0
BUCK_MASK(BUCKx_PGR_MASK) = 0
Host clears
interrupts
Powergood
interrupts
0
0
1
0
0
1
0
1
1
0
0
1
0 1
0
1
0
Figure 7-6. Buck Regulator Enable and Disable
The LDO regulator is enabled by the EN pin or by I2C writing, as shown in Figure 7-7. The soft-start circuit
limits the in-rush current during start-up. The output voltage increase rate is less than 100 mV/μsec during
soft-start. If there is a short circuit at the output, and the output voltage does not increase above the 0.3-V
level in 1 ms or the output voltage drops below 0.3-V level during operation (for minimum of 1 ms), then the
regulator is disabled, and the LDOx_SC_INT interrupt in the INT_LDO register is set. When the output voltage
reaches the Power-Good threshold level, the LDOx_PG_INT interrupt flag in the INT_LDO register is set. The
Power-Good interrupt flag, when reaching valid output voltage, can be masked using the LDOx_PGR_MASK
bit in the LDO_MASK register. The Power-Good interrupt flag can also be generated when the output voltage
becomes invalid. The interrupt mask for invalid output voltage detection is set by the LDOx_PGF_MASK bit
in the LDO_MASK register. A LDOx_PG_STAT bit in the LDO_STAT register always shows the validity of
the output voltage; 1 means valid, and 0 means invalid output voltage. A PGOOD_WINDOW_LDO bit in the
PGOOD_CTRL_1 register sets the detection method for the valid LDO output voltage, either undervoltage
detection or undervoltage and overvoltage detection.
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com