Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8733 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP8733
Description  LP8733xx Dual High-Current Buck Converter and Dual Linear Regulator
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP8733 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP8733 Datasheet HTML 49Page - Texas Instruments LP8733 Datasheet HTML 50Page - Texas Instruments LP8733 Datasheet HTML 51Page - Texas Instruments LP8733 Datasheet HTML 52Page - Texas Instruments LP8733 Datasheet HTML 53Page - Texas Instruments LP8733 Datasheet HTML 54Page - Texas Instruments LP8733 Datasheet HTML 55Page - Texas Instruments LP8733 Datasheet HTML 56Page - Texas Instruments LP8733 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
Table 7-54. PG_FAULT Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
PG_FAULT_LD
O1
PG_FAULT_LD
O0
PG_FAULT_BU
CK1
PG_FAULT_BU
CK0
Table 7-55. PG_FAULT Register Field Descriptions
Bits
Field
Type
Default
Description
7:4
Reserved - do not
use
R/W
0000
3
PG_FAULT_LDO1
R/W
0
Source for the PGOOD inactive signal:
0 - LDO1 has not set the PGOOD signal inactive.
1 - LDO1 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the LDO1 output is valid.
2
PG_FAULT_LDO0
R/W
0
Source for PGOOD inactive signal:
0 - LDO0 has not set the PGOOD signal inactive.
1 - LDO0 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the LDO0 output is valid.
1
PG_FAULT_BUCK1
R/W
0
Source for PGOOD inactive signal:
0 - Buck1 has not set PGOOD signal inactive.
1 - Buck1 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the Buck1 output is valid.
0
PG_FAULT_BUCK0
R/W
0
Source for PGOOD inactive signal:
0 - Buck0 has not set PGOOD signal inactive.
1 - Buck0 is selected for the PGOOD signal and it has set the PGOOD signal inactive.
This bit can be cleared by writing '1' to this bit when the Buck0 output is valid.
7.6.1.25 RESET
RESET is shown in Table 7-57, Address: 0x18
Table 7-56. RESET Register
D7
D6
D5
D4
D3
D2
D1
D0
Reserved - do not use
SW_RESET
Table 7-57. RESET Register Field Descriptions
Bits
Field
Type
Default
Description
7:1
Reserved - do not
use
R/W
000 0000
0
SW_RESET
R/W
0
Software commanded reset. When written to 1, the registers will be reset to the
default values, the OTP memory is read, and the I2C interface is reset.
The bit is automatically cleared.
7.6.1.26 INT_TOP_1
INT_TOP_1 is shown in Table 7-59, Address: 0x19
Table 7-58. INT_TOP_1 Register
D7
D6
D5
D4
D3
D2
D1
D0
PGOOD_INT
LDO_INT
BUCK_INT
SYNC_CLK_IN
T
TDIE_SD_INT
TDIE_WARN_I
NT
OVP_INT
I_MEAS_INT
Table 7-59. INT_TOP_1 Register Field Descriptions
Bits
Field
Type
Default
Description
7
PGOOD_INT
R/W
0
Latched status bit indicating that the PGOOD pin has changed from active to inactive.
Write 1 to clear interrupt.
www.ti.com
LP8733
SNVSBK2A – SEPTEMBER 2019 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
53
Product Folder Links: LP8733



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com