Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCIMX503CVM8B Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MCIMX503CVM8B
Description  i.MX50 Applications Processors for Consumer Products
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX503CVM8B Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MCIMX503CVM8B Datasheet HTML 23Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 24Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 25Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 26Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 27Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 28Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 29Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 30Page - NXP Semiconductors MCIMX503CVM8B Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 136 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 7
Freescale Semiconductor
27
Table 14 shows the maximum supply current consumption of the i.MX50 for PMIC specification
purposes.
Table 14. Maximum Supply Current Consumption—ARM CLK = 800 MHz
Condition
Supply
Voltage (V)
Current (mA) Power (mW)
•Ta = 70
°C
• ARM core in Run mode
• ARM CLK = 800 MHz
• SYS CLK = 266 MHz
• AHB CLK = 133 MHz
• DDR CLK = 266 MHz
• All voltages operating at maximum
levels
• External (MHz) crystal and on-chip
oscillator enabled
• All modules enabled
VDDGP
1.15
628
723
VCC
1.275
185
236
VDDA/VDDAL1
1.275
40
51
VDD1P2
1.3
5.92
7.70
VDD1P8
1.95
1.53
2.99
VDD2P51
1 During eFuse programming, the maximum current on VDD2P5 will exceed these values. See Table 13 on page 26 for the
maximum VDD2P5 current during eFuse programming.
2.75
1.13
3.11
VDD3P0
3.3
1.61
5.32
NVCC_EMI_DRAM
1.95
8.3
16.17
VDD_DCDCI
1.95
0.021
0.041
USB_OTG_VDDA33 +
USB_H1_VDDA33
3.6
10.8
38.8
VDDO25 + USB_OTG_VDDA25 +
USB_H1_VDDA25
2.75
12.45
34.239
NVCC_RESET
3.1
0.226
0.701
NVCC_SRTC
1.3
0.0035
0.0045
Total
1120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com