| Electronic Components Datasheet Search |
|
MCIMX503CVM8B Datasheet(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX503CVM8B Datasheet(HTML) 68 Page - NXP Semiconductors |
|
68 / 136 page ![]() i.MX50 Applications Processors for Consumer Products, Rev. 7 Electrical Characteristics Freescale Semiconductor 68 4.8 DRAM Timing Parameters This section includes descriptions of the electrical specifications of DRAM MC module which interfaces external DDR2, LPDDR1, and LPDDR2 memory devices. WE34 EIM_RW invalid to EIM_CSx invalid WE7 – WE9 + (WEN – CSN) — 3 – (WEN_CSN) ns WE35 EIM_CSx valid to EIM_OE valid WE10 – WE6 + (OEA – CSA) — 3 + (OEA – CSA) ns WE36 EIM_OE invalid to EIM_CSx invalid WE7 – WE11 + (OEN – CSN) — 3 – (OEN – CSN) ns WE37 EIM_CSx valid to EIM_EBx valid (Read access) WE12 – WE6 + (RBEA – CSA) — 3 + (RBEA4 – CSA) ns WE38 EIM_EBx invalid to EIM_CSx invalid (Read access) WE7 – WE13 + (RBEN – CSN) — 3 – (RBEN5 – CSN) ns WE39 EIM_CSx valid to EIM_LBA valid WE14 – WE6 + (ADV – CSA) — 3 + (ADVA – CSA) ns WE40 EIM_LBA invalid to EIM_CSx invalid (ADVL is asserted) WE7 – WE15 – CSN — 3 – CSN ns WE41 EIM_CSx valid to Output Data valid WE16 – WE6 – WCSA — 3 – WCSA ns WE42 Output Data invalid to EIM_CSx invalid WE17 – WE7 – CSN — 3 – CSN ns WE43 Input Data valid to EIM_CSx invalid MAXCO + MAXDI MAXCO6 + MAXDI7 —ns WE44 EIM_CSx invalid to Input Data invalid 0 0 — ns WE45 EIM_CSx valid to EIM_EBx valid (Write access) WE12 – WE6 + (WBEA – CSA) — 3 + (WBEA – CSA) ns WE46 EIM_EBx invalid to EIM_CSx invalid (Write access) WE7 – WE13 + (WBEN – CSN) — –3 + (WBEN – CSN) ns WE47 EIM_DTACK valid to EIM_CSx invalid MAXCO + MAXDTI MAXCO6 +MA XDTI8 —ns WE48 EIM_CSx invalid to EIM_DTACK invalid 00 — ns 1 Parameters WE4–WE21 value, see in the Table 44. 2 EIM_CSx Assertion. This bit field determines when EIM_CSx signal is asserted during read/write cycles. 3 EIM_CSx Negation. This bit field determines when EIM_CSx signal is negated during read/write cycles. 4 EIM_EBx Assertion. This bit field determines when EIM_EBx signal is asserted during read cycles. 5 EIM_EBx Negation. This bit field determines when EIM_EBx signal is negated during read cycles. 6 Output maximum delay from internal driving the FFs to chip outputs. The maximum delay between all memory controls (EIM_ADDR, EIM_CSx, EIM_OE, EIM_RW, EIM_EBx, and EIM_LBA). 7 Maximum delay from chip input data to internal FFs. The maximum delay between all data input pins. 8 DTACK maximum delay from chip input data to internal FF. Table 44. EIM Asynchronous Timing Parameters Table Relative Chip Select (continued) ID Parameter Determination by Synchronous Measured Parameters 1 Min Max Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |