Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 47 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 47 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 43Page - Analog Devices AD4697BCPZ Datasheet HTML 44Page - Analog Devices AD4697BCPZ Datasheet HTML 45Page - Analog Devices AD4697BCPZ Datasheet HTML 46Page - Analog Devices AD4697BCPZ Datasheet HTML 47Page - Analog Devices AD4697BCPZ Datasheet HTML 48Page - Analog Devices AD4697BCPZ Datasheet HTML 49Page - Analog Devices AD4697BCPZ Datasheet HTML 50Page - Analog Devices AD4697BCPZ Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 47 of 107
Streaming Mode
When the INST_MODE bit in the SPI_CONFIG_B register is set
to 0, streaming mode is enabled. In streaming mode, only one in-
struction phase is required per SPI frame, and the register address
being read from or written to is automatically updated after each
data phase (based on the selected address direction option). The
instruction phase is followed by multiple data phases for each
register being accessed until the end of the SPI frame. Streaming
mode enables efficient access to large, contiguous sections of the
configuration register map, such as when updating the advanced
sequencer slot registers (AS_SLOTn) to configure the advanced
sequencer.
Figure 84 shows a generalized SPI frame for performing multiple
register read and write transactions with streaming mode selected.
Because there is only one instruction phase per frame in streaming
mode, all SPI transactions in a given SPI frame are either all reads
or all writes. The checksum is included in each data phase only if
CRC is enabled (see the Checksum Protection section).
Figure 85 to Figure 87 show examples of accessing different parts
of the register map with both address direction options and with
both MB_STRICT options (see the Multibyte Register Access sec-
tion).
When streaming mode is active, a specified number of registers
can be looped to repeatedly access the same registers multiple
times in a single SPI frame. The LOOP_COUNT bit field in
the LOOP_MODE register determines how many registers are ac-
cessed before the register address is reset to the starting address
(the one specified in the instruction phase). When the MB_STRICT
bit is set to 1, a multibyte register is considered one register when
looping. When the MB_STRICT bit is set to 0, each byte of a
multibyte register is considered one register when looping.
Figure 88 shows an example using looping to repeatedly read from
the ALERT_STATUS1 and ALERT_STATUS2 registers.
If the LOOP_COUNT bit field is set to 0x0, looping is disabled.
If looping is disabled and the descending address option is se-
lected, the address decrements until it reaches Address 0x0000,
and the address is set to the highest valued register address
available (Address 0x013F) on the subsequent byte access. If
looping is disabled and the ascending address option is selected,
the address increments until it reaches the highest valued register
address available (Address 0x013F), and the address is set to Ad-
dress 0x0000 on the subsequent byte access. Looping is disabled
by default.
Note that even when using 7-bit addressing, registers with address-
es larger than 0xFF are still accessible in streaming mode. Howev-
er, accessing these registers is generally more efficient using 15-bit
addressing.
Single Instruction Mode
When the INST_MODE bit in the SPI_CONFIG_B register is set to
1, single instruction mode is enabled. In single instruction mode,
each SPI read or write transaction includes an instruction phase
to specify whether the transaction is a read or a write and what
address is being accessed. Single instruction mode allows the digi-
tal host to quickly read from or write to registers with nonadjacent
register addresses in a single SPI frame, as opposed to streaming
mode, which allows exclusively reading from or writing to registers
with adjacent addresses without starting a new SPI frame.
Figure 89 shows a generalized SPI frame for performing multiple
register read and write transactions with single instruction mode
selected. The checksum is included in each data phase only if CRC
is enabled (see the Checksum Protection section).
Figure 90 shows an example of reading from and writing to the
most significant byte and least significant byte of the UPPER_IN1
register (MB_STRICT = 0). Figure 91 and Figure 92 show exam-
ples of reading from the UPPER_IN1 register and writing to the
UPPER_IN0 register in the same frame with both address direction
options (MB_STRICT = 1). Note that the UPPER_INn registers are
multibyte registers, and when MB_STRICT is set to 1, both bytes
must be read from or written to in one data phase (see the Multibyte
Register Access register section).
Figure 84. Streaming Mode SPI Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com