Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 64 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 64 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 60Page - Analog Devices AD4697BCPZ Datasheet HTML 61Page - Analog Devices AD4697BCPZ Datasheet HTML 62Page - Analog Devices AD4697BCPZ Datasheet HTML 63Page - Analog Devices AD4697BCPZ Datasheet HTML 64Page - Analog Devices AD4697BCPZ Datasheet HTML 65Page - Analog Devices AD4697BCPZ Datasheet HTML 66Page - Analog Devices AD4697BCPZ Datasheet HTML 67Page - Analog Devices AD4697BCPZ Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 64 of 107
GENERAL-PURPOSE PINS
Table 25 shows the functions available on each of the general-
purpose pins on the LFCSP and WLCSP options of the AD4697/
AD4698, plus the relative priority of those functions (lower numbers
indicate higher priority). To configure the general-purpose pins for
a given function, all higher priority functions must be disabled. The
Busy Indicator section, Threshold Detection and Alert Indicators
section, Serial Data Output Modes section, and GPIO section
describe the behavior of the general-purpose pins when they are
configured for each function shown in Table 25.
The LFCSP options of the AD4697/AD4698 have one general-pur-
pose pin, BSY_ALT_GP0. The WLCSP option of the AD4698 has
four general-purpose pins: BSY_ALT_GP0, GP1, GP2, and GP3.
The BSY_ALT_GP0 pin on the LFCSP and the WLCSP options
have the same available functions, except that it is not used as the
SDO1 signal on the WLCSP (see Table 20 and Table 25).
When a general-purpose pin is configured for any function other
than a general-purpose input, it functions as a digital output. If
another device attempts to drive a general-purpose pin while it
is configured as a digital output, contention occurs and could
potentially damage the AD4697/AD4698. All AD4697/AD4698 gen-
eral-purpose pins are configured as digital inputs by default.
Table 25. General-Purpose Pin Functions and Function Priority
Package
Pin
Function Priority
1 (Highest Priority)
2
3
4 (Lowest Priority)
LFCSP
BSY_ALT_GP0
SDO1 signal (dual-SDO mode)
Alert indicator
Busy indicator
GPIO
WLCSP
BSY_ALT_GP0
Alert indicator
Busy indicator
GPIO
GP1
SDO1 (dual-SDO and quad-SDO mode)
GPIO
GP2
SDO2 (quad-SDO mode)
Alert indicator
GPIO
GP3
SDO3 (quad-SDO mode)
Busy indicator
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com