Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 6Page - Analog Devices AD4697BCPZ Datasheet HTML 7Page - Analog Devices AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices AD4697BCPZ Datasheet HTML 10Page - Analog Devices AD4697BCPZ Datasheet HTML 11Page - Analog Devices AD4697BCPZ Datasheet HTML 12Page - Analog Devices AD4697BCPZ Datasheet HTML 13Page - Analog Devices AD4697BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
Data Sheet
AD4697/AD4698
SPECIFICATIONS
analog.com
Rev. 0 | 10 of 107
Table 2.
Parameter1
Symbol
Min
Typ
Max
Unit
AC_CYC = 0x5
170
200
230
μs
AC_CYC = 0x6
340
400
460
μs
AC_CYC = 0x7
680
800
920
μs
CNV High Time
tCNVH
10
ns
CNV Low Time
tCNVL
80
ns
CS High Time
tCSBH
5
ns
CS Low to Digital Interface Ready Delay
tEN
15
ns
CS High to SDO High Impedance Delay
tCSBDIS
15
ns
SCK Period
tSCK
Register Configuration Mode
40
ns
Conversion Mode
12.5
ns
SCK Low Time
tSCKL
Register Configuration Mode
16
ns
Conversion Mode
5
ns
SCK High Time
tSCKH
Register Configuration Mode
16
ns
Conversion Mode
5
ns
SDI Data Setup Time Prior to SCK Rising Edge
tSSDI
2
ns
SDI Data Hold Time After SCK Rising Edge
tHSDI
2
ns
SCK Falling Edge to Data Remains Valid Delay
tHSDO
1.5
ns
SCK Falling Edge to Data Valid Delay
tDSDO
10.5
ns
Last SCK Edge to CNV Rising Edge Delay
tSCKCNV
80
ns
Last SCK Rising Edge to CS Rising Edge Delay
tSCKCSB
1
ns
CNV Rising Edge to Busy Indicator Rising Edge (Busy Indicator Enabled on General-Purpose Pin)
tCNVBSY
20
ns
CNV Rising Edge to Alert Indicator Transition (Alert Indicator Enabled on General-Purpose Pin)
tCNVALT
425
ns
Busy Indicator Low Time, Autocycle Mode Enabled (Busy Indicator Enabled on General-Purpose Pin)
tACBSY
AC_CYC = 0x0
8
µs
AC_CYC = 0x1
16.5
µs
AC_CYC = 0x2
33.5
µs
AC_CYC = 0x3
67.5
µs
AC_CYC = 0x4
84.5
µs
AC_CYC = 0x5
169
µs
AC_CYC = 0x6
339
µs
AC_CYC = 0x7
679
µs
Register Configuration Mode Setup Time
tREGCONFIG
20
ns
RESET Low Time
tRESETL
10
ns
Hardware Reset Delay (VDD Always Supplied)
tHWR_DELAY
310
µs
Software Reset Delay
tSWR_DELAY
310
µs
VDD Power-On Reset Delay
tPOR_VDD
2
ms
VIO Power-On Reset Delay (VDD Supplied Externally)
tPOR_VIO1
1.3
ms
LDO_IN Power-On Reset Delay
tPOR_LDO
3.2
ms
VIO Power-On Reset Delay (VDD Supplied by Internal LDO)
tPOR_VIO2
3
ms
LDO Wake-Up Command Power-On Reset Delay
tWAKEUP_SW
3
ms
Hardware Reset Delay (Internal LDO Disabled)
tWAKEUP_HW
3
ms
1 For all specifications, the relative voltages for the AVDD and REF inputs follow the operating conditions specified in the reference and power requirements sections of
Table 1.
2 The acquisition time for single-cycle command mode depends on the sample rate and SCK frequency (see the Single-Cycle Command Mode section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com