Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 21Page - Analog Devices AD4697BCPZ Datasheet HTML 22Page - Analog Devices AD4697BCPZ Datasheet HTML 23Page - Analog Devices AD4697BCPZ Datasheet HTML 24Page - Analog Devices AD4697BCPZ Datasheet HTML 25Page - Analog Devices AD4697BCPZ Datasheet HTML 26Page - Analog Devices AD4697BCPZ Datasheet HTML 27Page - Analog Devices AD4697BCPZ Datasheet HTML 28Page - Analog Devices AD4697BCPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
Data Sheet
AD4697/AD4698
TERMINOLOGY
analog.com
Rev. 0 | 25 of 107
Integral Nonlinearity Error (INL)
INL is the maximum deviation from a straight line passing through
the endpoints of the ADC transfer function. The endpoints of the
transfer function are zero scale, a point ½ LSB below the first
code transition, and full scale, a point ½ LSB above the last code
transition.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. DNL is the
maximum deviation from this ideal value. DNL is often specified in
terms of resolution for which no missing codes are guaranteed.
Offset Error
The offset error is the deviation of the measured transition between
−FSR and −FSR + 1 from the ideal transition, measured in volts.
The ideal transition between −FSR and −FSR + 1 occurs at an
analog input level ½ LSB above the IN− voltage (see the Transfer
Function section).
Offset Error Match
Offset error match is the difference in offset error between any two
input channels.
Gain Error
The gain error is the deviation of the measured transition between
+FSR − 1 and +FSR from the ideal transition, and is measured in
percentage of full scale (%FS). The ideal transition between +FSR
− 1 and +FSR occurs for an analog input level 1½ LSB below the
nominal full scale (see the Transfer Function section).
Gain Error Match
Gain error match is the difference in gain error between any two
input channels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels (dB), between the rms amplitude
of the input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave input
and is related to SINAD by the following formula:
ENOB = (SINAD − 1.76)/6.02
ENOB is expressed in bits.
Noise Free Code Resolution
Noise free code resolution is the number of bits beyond which it
is impossible to distinctly resolve individual codes. To calculate the
resolution, use the following equation:
Noise Free Code Resolution = log2 (2N/Peak-to Peak-Noise)
Noise free code resolution is expressed in bits.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to
the total rms noise measured with the inputs shorted together. The
value for dynamic range is expressed in dB and is measured with a
signal at −60 dBFS to include all noise sources and DNL artifacts.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in dB.
Signal-to-Noise-and-Distortion Ratio (SINAD)
SINAD is the measured ratio of signal-to-noise-and-distortion at
the output of the ADC. The signal is the rms amplitude of the
fundamental. Noise is the sum of all nonfundamental signals up to
half the sampling frequency (fS/2), excluding dc.
Channel to Channel Memory
Channel to channel memory is a measure of the level of cross-
talk that occurs when switching between channels in a channel
sequence. It is measured by applying a full-scale, 100 kHz signal
to one analog input channel and a dc voltage on another analog
input channel, and repeatedly switching between the two channels
between each conversion. The channel to channel memory is the
magnitude at 100 kHz in the spectrum measured from the dc
channel data.
Channel to Channel Isolation
Channel to channel isolation is a measure of the level of crosstalk
from a signal on an inactive channel to an active channel. To
measure channel to channel isolation, apply a dc input to one
analog input channel and a full-scale, 100 kHz sine wave signal to
all other analog input channels and perform conversions only on the
dc input channel. The channel to channel isolation is the magnitude
at 100 kHz in the spectrum measured from the dc channel data.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental
and is defined as
THDdB =20log V22+V32+V42+V52+V62
V1
(1)
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second through
the sixth harmonic.
Aperture Delay
Aperture delay is the measure of the acquisition performance.
Aperture delay is the time between the rising edge of the CNV input
and when the input signal is held for a conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com