Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 65 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 65 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 61Page - Analog Devices AD4697BCPZ Datasheet HTML 62Page - Analog Devices AD4697BCPZ Datasheet HTML 63Page - Analog Devices AD4697BCPZ Datasheet HTML 64Page - Analog Devices AD4697BCPZ Datasheet HTML 65Page - Analog Devices AD4697BCPZ Datasheet HTML 66Page - Analog Devices AD4697BCPZ Datasheet HTML 67Page - Analog Devices AD4697BCPZ Datasheet HTML 68Page - Analog Devices AD4697BCPZ Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 65 of 107
GPIO
Each general-purpose pin can be configured as a GPIO using
the GPIn_EN and GPOn_EN bits in the GPIO_CTRL register,
respectively (see Table 50). A general-purpose pin is configured as
an input when its corresponding GPIn_EN bit is set to 1 and is
configured as an output when its corresponding GPOn_EN bit is set
to 1.
The AD4697/AD4698 GPIO functionality allows the digital host to
control logic inputs or monitor logic outputs of other devices in the
system with the AD4697/AD4698 SPI instead of using additional
digital host GPIO pins. The GPIO functionality is especially useful
in digitally isolated applications because the functions reduce the
number of required digital isolation channels.
When a general-purpose pin is configured as a general-purpose
input, it can be connected to a logic output of another device in
the system, and the digital host can read the GPIO_STATE register
to monitor its state. The GPI_READ bit field in the GPIO_STATE
register indicates the state of each general-purpose input (see
Table 52). The logic input thresholds for the general-purpose inputs
are specified in Table 1 as VIL and VIH.
When a general-purpose pin is configured as a general-purpose
output, it can be connected to a logic input of another device in
the system, such as other multiplexers or programmable gain am-
plifiers, and the digital host can write to the GPIO_STATE register
to set the state of this signal. The GPO_WRITE bit field in the
GPIO_STATE register controls the state of the general-purpose
outputs (see Table 52). The logic output thresholds for the general-
purpose outputs are specified in Table 1 as VOL and VOH.
Because the LFCSP option does not have the GP1, GP2, or GP3
pins, the corresponding GPI_READ bits are hard-coded to 0, and
writing to the corresponding GPO_WRITE bits have no effect.
DEVICE RESET
A device reset reinitializes the AD4697/AD4698 configuration regis-
ters. The AD4697/AD4698 provide several options for performing
a device reset, including a hardware reset, a software reset, and
PORs.
Hardware resets, software resets, and PORs all assert the RE-
SET_FLAG bit in the status register. The RESET_FLAG bit is a
read to clear bit and is automatically set to 0 after a valid read from
the status register. The RESET_FLAG bit can be used by the digital
host to confirm that the device has executed a device reset, or if a
reset was performed unintentionally.
All device reset methods require a delay between the start of the
reset instruction and when the AD4697/AD4698 SPI is ready to
receive communications from the digital host. The device reset
delays are shown in Figure 104 through Figure 111 and in
Table 2. When the digital host attempts to perform an SPI read or
write transaction before the device is ready, the transaction is con-
sidered invalid, and the NOT_RDY_ERROR bit in the SPI_STATUS
register is set to 1. The NOT_RDY_ERROR bit is an R/W1C bit and
is only reset when set to 1 with a valid register write transaction.
Hardware Reset
A hardware reset is initiated by the RESET falling edge. Figure 104
shows a timing diagram for performing a hardware reset. tRESETL
is the minimum amount of time that RESET must be driven low,
and tHWR_DELAY is the time that the digital host must wait between a
RESET falling edge and starting an SPI frame (see Table 2).
If the internal LDO supplies VDD, and the internal LDO is disabled
before a hardware reset, the internal LDO is enabled by the hard-
ware reset, and an additional delay is required to account for the
internal LDO output reaching the VDD minimum required voltage
(see the Power-On Resets (PORs) section).
Software Reset
To initiate a software reset, set the SW_RST_MSB bit and
SW_RST_LSB bit in the SPI_CONFIG_A register to 1. A software
reset reinitializes the state of all of the configuration registers listed
in the Register Information section to the default values, except for
the SPI_CONFIG_A register. When the software reset is complete,
the SW_RST_MSB bit and SW_RST_LSB bit automatically clear.
Figure 105 shows the timing requirements for performing a software
reset. tSWR_DELAY is the time that the digital host must wait between
the software reset and starting a new SPI frame (see Table 2).
Power-On Resets (PORs)
A POR is initiated when VDD or VIO is first supplied. When a
POR event is detected, the AD4697/AD4698 configuration registers
are initialized to the default values, but it is still recommended to
perform either a hardware reset or a software reset after a POR.
Figure 106 shows a timing diagram of a VDD POR where VIO is
already supplied. tPOR_VDD is the time that the digital host must wait
between VDD first being supplied and starting an SPI frame (see
Table 2). Figure 107 shows a timing diagram of a VIO POR where
VDD is already supplied. tPOR_VIO1 is the time that the digital host
must wait between VIO first being supplied and starting an SPI
frame (see Table 2).
When VDD is supplied by the internal LDO, the VDD POR is
triggered when the internal LDO output drives VDD to at least
the minimum VDD specification. The internal LDO output is only
enabled when both LDO_IN and VIO are supplied, and when the
LDO_EN bit in the setup register is set to 1 (see the Internal LDO
section).
Figure 108 shows a timing diagram of an LDO_IN POR where
VIO is already supplied. tPOR_LDO is the time that the digital host
must wait between LDO_IN first being supplied and starting an SPI
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com