Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 2Page - Analog Devices AD4697BCPZ Datasheet HTML 3Page - Analog Devices AD4697BCPZ Datasheet HTML 4Page - Analog Devices AD4697BCPZ Datasheet HTML 5Page - Analog Devices AD4697BCPZ Datasheet HTML 6Page - Analog Devices AD4697BCPZ Datasheet HTML 7Page - Analog Devices AD4697BCPZ Datasheet HTML 8Page - Analog Devices AD4697BCPZ Datasheet HTML 9Page - Analog Devices AD4697BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
Data Sheet
AD4697/AD4698
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 107
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
REF Average Input Current
VREF = AVDD = 5 V, internal reference buffer disabled
Reference High-Z Mode Disabled
fS = 10 kSPS, unipolar mode
3.3
μA
fS = 500 kSPS, unipolar mode
160
μA
fS = 1 MSPS, unipolar mode
320
µA
fS = 10 kSPS, pseudobipolar mode
4.0
μA
fS = 500 kSPS, pseudobipolar mode
195
μA
fS = 1 MSPS, pseudobipolar mode
390
µA
Reference High-Z Mode Enabled
fS = 10 kSPS, unipolar mode
0.3
μA
fS = 500 kSPS, unipolar mode
6
μA
fS = 1 MSPS, unipolar mode
12
μA
fS = 10 kSPS, pseudobipolar mode
0.4
μA
fS = 500 kSPS, pseudobipolar mode
11
μA
fS = 1 MSPS, pseudobipolar mode
22
µA
REFIN Current
VREF = 5 V
Internal Reference Buffer Enabled
No active overvoltage protection clamps
16
nA
All clamps active, overvoltage reduced, current mode
disabled
200
µA
All clamps active, overvoltage reduced, current mode
enabled
4.5
µA
REFIN Input Capacitance
WLCSP, internal reference buffer enabled
50
pF
Internal Reference Buffer Output Current Limit
Reference buffer boost mode disabled
3.5
mA
Reference buffer boost mode enabled
11
mA
Internal Reference Buffer Turn-On Time7 (tREFBUF)
VREF = 5 V
Reference Buffer Boost Mode Disabled
REF decoupling capacitor (CREF = 1 µF)
10
ms
CREF = 10 µF
80
ms
Reference Buffer Boost Mode Enabled
CREF = 1 µF
1.2
ms
CREF = 10 µF
10
ms
TEMPERATURE SENSOR
Temperature Sensor Voltage
TA = 25°C
680
mV
TA = 0°C
725
mV
Temperature Sensitivity
TA = −40°C to +125°C
−1.8
mV/°C
OVERVOLTAGE CLAMP
External Series Resistance (REXT)8
For stable clamp operation
Overvoltage reduced current mode disabled
2000
Ω
Overvoltage reduced current mode enabled
1000
Ω
External Series Capacitance (CEXT)8
For stable clamp operation
500
pF
Clamp Input Current
For each active clamp
5
mA
Clamp Activation Voltage
VREF + 0.55
V
Clamp Deactivation Voltage
VREF + 0.1
V
Input Clamping Voltage
Clamp current (ICLAMP) = 5 mA
VREF + 0.2
V
Activation Time
50
ns
Deactivation Time
100
ns
DIGITAL INPUTS
Logic Levels
Input Low Voltage (VIL)
−0.3
+0.3 × VIO
V
Input High Voltage (VIH)
0.7 × VIO
3.6
V
Input Current (IL)
−1
+1
µA
Input Pin Capacitance
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com