Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 52 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 52 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 48Page - Analog Devices AD4697BCPZ Datasheet HTML 49Page - Analog Devices AD4697BCPZ Datasheet HTML 50Page - Analog Devices AD4697BCPZ Datasheet HTML 51Page - Analog Devices AD4697BCPZ Datasheet HTML 52Page - Analog Devices AD4697BCPZ Datasheet HTML 53Page - Analog Devices AD4697BCPZ Datasheet HTML 54Page - Analog Devices AD4697BCPZ Datasheet HTML 55Page - Analog Devices AD4697BCPZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
Data Sheet
AD4697/AD4698
DIGITAL INTERFACE
analog.com
Rev. 0 | 52 of 107
CONVERSION MODE
When the AD4697/AD4698 are in conversion mode, CNV rising
edges initiate conversions on the selected channel, and the chan-
nel sequencing logic updates the multiplexer to the next channel
(see the Converter Operation and Channel Sequencing Modes sec-
tions). The device enters conversion mode when the SPI_MODE bit
in the setup register is set to 1.
In conversion mode, the SPI is used to read the ADC results
and write the 5-bit SDI commands shown in Table 18. Figure 94
to Figure 101 show timing diagrams for SPI frames relative to
performing conversions. The CNV signal and the CS pin can be
tied together to enable interfacing with a single 4-wire SPI port (see
Figure 101). Each ADC result is available until the next CNV rising
edge occurs.
An optional set of five status bits can be appended to the ADC
data. The status bits include channel information, the overvoltage
clamp flag, and a threshold detection alert indicator. See the Status
Bits section for a description of the status bits and how they are
enabled.
In conversion mode, the general-purpose pins can be assigned
as an additional serial data output to reduce the SCK frequency
required to shift out the ADC result plus optional status bits before
the next conversion occurs. See the Serial Data Output Modes
section for a description of the options available on both package
options of the AD4697/AD4698 and how to enable these modes.
The general-purpose pins can also be assigned as either the busy
indicator or the threshold detection alert indicator. Figure 94 to
Figure 101 show the relative timing of the CNV signal and the busy
and alert indicators when they are assigned to the general-purpose
pins. The General-Purpose Pins section describes how to set the
general-purpose pins to the desired function.
When autocycle mode is enabled, the AD4697/AD4698 generate
their own internal convert start signal to autonomously perform
conversions without a CNV signal from the digital host (see the
Autocycle Mode section).
Status Bits
A set of five status bits can be appended to the end of each
conversion result. The status bits allow the digital host to monitor
the status of the analog inputs without interrupting analog-to-digital
conversions. Table 17 shows the names and descriptions of the
status bits.
By default, the OV_ALT status bit indicates the status of the over-
voltage clamp flags (the bitwise logical OR of the CLAMP_FLAG
bit and COM_CLAMP_FLAG bit in the status register). When the
OV_ALT_MODE bit in the GP_MODE register is set to 1, the
OV_ALT status bit is the logical OR of the CLAMP_FLAG bit and
the threshold detection alert indicator (TD_ALERT bit in the status
register). The digital host can monitor the state of the OV_ALT bit to
detect and respond to out of range events.
The INX bits indicate which of the eight analog inputs the conver-
sion result corresponds to. The values for the INX bits range from
0 to 7 (0x0 to 0x7) and correspond to IN0 to IN7, respectively. An
INX value of 15 corresponds to the temperature sensor. The INX
bits can be used by the digital host to align the ADC data with the
sequence of analog input channels.
Set the STATUS_EN bit in the setup register to 1 to enable the
status bits. The status bits are disabled by default. When the status
bits are enabled, the serial data output word extends to 24 bits,
where Bit 20 to Bit 24 contain the status bits (see Table 21,
Table 22 and Table 23).
Table 17. Status Bits Names and Descriptions
Status Word Index
Bit
Name
Description
Bit 4
OV_ALT Active high. Indicates the status of the overvoltage protection clamp flag and (if enabled) the status of the threshold detection alert
indicator.
Bits[3:0]
INX
Indicates what analog input channel the ADC data corresponds to (IN0 to IN7).
Table 18. Conversion Mode Commands
Channel Sequencing Mode
5-Bit SDI Command (CMD)
Description
Two-Cycle Command Mode and Single-Cycle Command Mode
0x00 to 0x09, 0x0B to 0x0E
NOOP
0x0A
Register configuration mode command
0x0F
Temperature sensor channel selection
0x10 to 0x17 and 0x18 to 0x1F
IN0 to IN7 channel selection
Standard Sequencer and Advanced Sequencer
0x00 to 0x09, 0x0B to 0x1F
NOOP
0x0A
Register configuration mode command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com