Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 77 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 77 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 73Page - Analog Devices AD4697BCPZ Datasheet HTML 74Page - Analog Devices AD4697BCPZ Datasheet HTML 75Page - Analog Devices AD4697BCPZ Datasheet HTML 76Page - Analog Devices AD4697BCPZ Datasheet HTML 77Page - Analog Devices AD4697BCPZ Datasheet HTML 78Page - Analog Devices AD4697BCPZ Datasheet HTML 79Page - Analog Devices AD4697BCPZ Datasheet HTML 80Page - Analog Devices AD4697BCPZ Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
Data Sheet
AD4697/AD4698
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 77 of 107
features require additional digital resources, such as GPIOs and
timers.
The following sections provide recommendations for digital in-
terface connections and operation to interact with the AD4697/
AD4698 interface and feature set.
ADC Convert Start Signal Options
The CNV input is analogous to an edge triggered interrupt pin,
which instructs the AD4697/AD4698 ADC core to perform a con-
version (see the Converter Operation section). The CNV input is
active only when the AD4697/AD4698 are in conversion mode and
is ignored when in register configuration mode. The period of the
signal driving the CNV input sets the sample rate of the AD4697/
AD4698 and must conform to the tCYC specification in Table 2 and
in Figure 94 through Figure 101.
The ADC core samples the analog input voltage on the selected
channel on the rising edge of CNV. The signal driving the CNV input
therefore must have sufficiently low jitter and fast edge rates to ach-
ieve the desired noise performance at the target input frequencies.
The layout of the trace connecting the AD4697/AD4698 CNV input
to the digital host must be as short as possible with minimal vias to
minimize trace impedance (see the Layout Guidelines section).
In conversion mode, the digital host SPI peripheral must be syn-
chronous to the CNV signal and follow the timing requirements
specified in the Conversion Mode Timing Diagrams section. See
the SPI Peripheral Synchronization in Conversion Mode section for
recommendations for maintaining proper SPI timing.
Embedded clock divider or timer peripherals can typically output
an integer division of the system clock. When utilizing embedded
clock divider peripherals, connect the digital host clock output to
CNV and set the clock output frequency to the desired sample rate.
The clock output must be enabled while the AD4697/AD4698 are in
conversion mode, but it can be either enabled or disabled while in
register configuration mode.
The CNV input can be connected to the CS output of the host SPI
peripheral, provided that the CS rising edge timing is deterministic
and periodic (see Figure 121). Note that for OSR settings greater
than 1, multiple CNV rising edges are required before the result
is available to be read out on the SPI (see the Oversampling and
Decimation section). The SPI outputs all 0s during the CNV/CS
frames prior to the oversampled data being ready.
An external crystal oscillator with a CMOS clock driver can also
drive the CNV input. With this option, either the oscillator output
or the busy indicator from the AD4697/AD4698 must be routed
to the digital host and used as a timer or interrupt trigger to
achieve synchronization between the CNV signal and the host SPI
peripheral (see the SPI Peripheral Synchronization in Conversion
Mode section).
Note that when autocycle mode is enabled, the CNV input is ignor-
ed, and conversions are instead triggered by an internal timer in
the AD4697/AD4698, as described in the Autocycle Mode section.
When exclusively using autocycle mode, the CNV input must be
tied to IOGND. The busy indicator is required to synchronize the
AD4697/AD4698 to the host SPI peripheral when using autocycle
mode (see the SPI Peripheral Synchronization in Autocycle Mode
section).
SPI Peripheral Connections
The AD4697/AD4698 offer multiple serial data output modes that
allow for one, two, or four main in, subordinate out (MISO) lines
to output conversion results (see the Serial Data Output Modes
section). When single-SDO mode is selected, only the SDO pin
functions as a serial data output. When dual-SDO mode or quad-
SDO mode is selected, the general-purpose pins are assigned as
additional serial data outputs to implement multiple data lanes.
Figure 118. AD4697/AD4698 SPI Connection Diagram (Single-SDO Mode)
Figure 118 shows a connection diagram for interfacing the AD4697/
AD4698 SPI to the digital host SPI peripheral when configured in
single-SDO mode. It is recommended to include a pull-up resistor
(2 kΩ minimum) to VIO on the SDO line, especially when the busy
indicator is enabled on SDO (see the Busy Indicator on Serial Data
Outputs section).
Figure 119. AD4697/AD4698 SPI Connection Diagram (Dual-SDO Mode)
Figure 119 shows a connection diagram for interfacing the AD4697/
AD4698 SPI to a digital host SPI peripheral when configured in
dual-SDO mode. Route BSY_ALT_GP0 to the second MISO input
on the digital host (MISO1). It is recommended to include pull-up
resistors on both SDO0 and SDO1 lines, especially when the
busy indicator is enabled on the serial data outputs (see the Busy
Indicator on Serial Data Outputs section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com