Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 94Page - Analog Devices AD4697BCPZ Datasheet HTML 95Page - Analog Devices AD4697BCPZ Datasheet HTML 96Page - Analog Devices AD4697BCPZ Datasheet HTML 97Page - Analog Devices AD4697BCPZ Datasheet HTML 98Page - Analog Devices AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices AD4697BCPZ Datasheet HTML 101Page - Analog Devices AD4697BCPZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 98 of 107
Table 45. Bit Descriptions for Setup
Bits
Bit Name
Description
Reset
Access
5
STATUS_EN
Status Bits Enable Bit. This bit determines whether the status bits are appended to conversion data when in
conversion mode (see the Status Bits section).
0x0
R/W
0: status bits disabled.
1: status bits enabled.
4
LDO_EN
Internal LDO Enable Bit. This bit enables or disables the internal LDO. Disable the internal LDO when driving VDD
with an external 1.8 V supply. When the internal LDO is supplying VDD, disabling the internal LDO removes power to
VDD and disables the ADC core and configuration registers (see the Internal LDO section).
0x1
R/W
0: internal LDO disabled.
1: internal LDO enabled.
3
RESERVED
Reserved.
0x0
R/W
2
SPI_MODE
Digital Interface Mode Select Bit. This bit determines whether the device is in register configuration mode or
conversion mode. Set this bit to 1 to enter conversion mode. This bit is set to 0 when the register configuration mode
command is received (see the Register Configuration Mode Command section).
0x0
R/W
0: selects register configuration mode.
1: selects conversion mode.
1
CYC_CTRL
Two- and Single-Cycle Command Mode Control Bit. This bit selects between two-cycle command mode and
single-cycle command mode. This bit must be set to 0 when using two-cycle command mode, the standard sequencer,
or the advanced sequencer (see the Channel Sequencing Modes section).
0x0
R/W
0: selects two-cycle command mode.
1: selects single-cycle command mode.
0
RESERVED
Reserved.
0x0
R/W
Reference Control Register
Address: 0x0021, Reset: 0x12, Name: REF_CTRL
Table 46. Bit Descriptions for REF_CTRL
Bits
Bit Name
Description
Reset
Access
7
OV_MODE
Overvoltage Reduced Current Mode Enable Bit. This bit enables or disables overvoltage reduced current mode
(see the Input Overvoltage Protection Clamps section).
0x0
R/W
0: reduces the REF current during clamping.
1: do not reduce REF current during clamping.
6
REFBUF_BP
Reference Buffer Bypass Control. Determines whether the reference buffer is bypassed (see the Internal Reference
Buffer section). If the REFBUF_EN bit is set to 1, the reference buffer is not bypassed, and this bit is ignored. This
bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: internal reference buffer not bypassed.
1: internal reference buffer bypassed.
5
REFBUF_BOOST
Reference Buffer Boost Mode Enable Bit. Enables or disables reference buffer boost mode (see the Internal
Reference Buffer section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no
effect.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com