Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 102 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 102 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 98Page - Analog Devices AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices AD4697BCPZ Datasheet HTML 101Page - Analog Devices AD4697BCPZ Datasheet HTML 102Page - Analog Devices AD4697BCPZ Datasheet HTML 103Page - Analog Devices AD4697BCPZ Datasheet HTML 104Page - Analog Devices AD4697BCPZ Datasheet HTML 105Page - Analog Devices AD4697BCPZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 102 of 107
Table 50. Bit Descriptions for GPIO_CTRL
Bits
Bit Name
Description
Reset
Access
1: general-purpose output function on GP3 disabled.
2
GPO2_EN
GP2 GPO Enable Bit. Configures the GP2 pin as a general-purpose output if the higher priority functions are disabled (see
the GPIO section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: general-purpose output function on GP2 disabled.
1: general-purpose output function on GP2 enabled.
1
GPO1_EN
GP1 GPO Enable Bit. Configures the GP1 pin as a general-purpose output if the higher priority functions are disabled (see
the GPIO section). This bit is only active on the WLCSP option. Setting this bit on the LFCSP option has no effect.
0x0
R/W
0: general-purpose output function on GP1 disabled.
1: general-purpose output function on GP1 enabled.
0
GPO0_EN
BSY_ALT_GP0 GPO Enable Bit. Configures the BSY_ALT_GP0 pin as a general-purpose output if all higher priority
functions are disabled (see the GPIO section).
0x0
R/W
0: general-purpose output function on BSY_ALT_GP0 disabled.
1: general-purpose output function on BSY_ALT_GP0 enabled.
General-Purpose Pin Function Control Register
Address: 0x0027, Reset: 0x00, Name: GP_MODE
Table 51. Bit Descriptions for GP_MODE
Bits
Bit Name
Description
Reset
Access
7
OV_ALT_MODE
OV_ALT Mode Select Bit. This bit configures the OV_ALT bit in the status bits to report the state of the threshold
detection alert indicator (see the Status Bits section).
0x0
R/W
0: does not configure the OV_ALT bit to report the state of the TD_ALERT bit.
1: configures the OV_ALT bit to report the state of the TD_ALERT bit.
6
RESERVED
Reserved.
0x0
R
5
BUSY_GP_SEL
Busy Indicator General-Purpose Pin Select Bit. Selects which general-purpose pin the busy indicator is enabled on
when the BUSY_GP_EN bit is set to 1. This bit is only active on the WLCSP option. Setting this bit on the LFCSP
option has no effect.
0x0
R/W
0: configures BSY_ALT_GP0 as the busy indicator when the BUSY_GP_EN bit is set to 1.
1: configures GP3 as the busy indicator when the BUSY_GP_EN bit is set to 1.
4
ALERT_GP_SEL
Alert Indicator General-Purpose Pin Select Bit. Selects which general-purpose pin the alert indicator is enabled on
when the ALERT_GP_EN bit is set to 1. This bit is only active on the WLCSP option. Setting this bit on the LFCSP
option has no effect.
0x0
R/W
0: configures BSY_ALT_GP0 as the alert indicator when the ALERT_GP_EN bit is set to 1.
1: configures GP2 as the alert indicator when the ALERT_GP_EN bit is set to 1.
[3:2]
SDO_MODE
Serial Data Output Mode Select. This bit field selects the serial data output mode.
0x0
R/W
0x0: single-SDO mode enabled.
0x1: dual-SDO mode enabled.
0x2: (LFCSP option): single-SDO mode enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com