Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4697BCPZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD4697BCPZ
Description  16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4697BCPZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD4697BCPZ Datasheet HTML 99Page - Analog Devices AD4697BCPZ Datasheet HTML 100Page - Analog Devices AD4697BCPZ Datasheet HTML 101Page - Analog Devices AD4697BCPZ Datasheet HTML 102Page - Analog Devices AD4697BCPZ Datasheet HTML 103Page - Analog Devices AD4697BCPZ Datasheet HTML 104Page - Analog Devices AD4697BCPZ Datasheet HTML 105Page - Analog Devices AD4697BCPZ Datasheet HTML 106Page - Analog Devices AD4697BCPZ Datasheet HTML 107Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
Data Sheet
AD4697/AD4698
REGISTER INFORMATION
analog.com
Rev. 0 | 104 of 107
Analog Input Settings Configuration Register
Address: 0x0030 to Address 0x0037 (Increments of 0x0001), Reset: 0x08, Name: CONFIG_INn
Table 54. Bit Descriptions for CONFIG_INn
Bits
Bit Name
Description
Reset
Access
7
TD_EN
INn Threshold Detection Enable Bit. When the standard sequencer is enabled, the TD_EN bit in the CONFIG_IN0
register enables or disables threshold detection for IN0 to IN7. When the advanced sequencer is enabled, the TD_EN bit
in each CONFIG_INn register enables or disables threshold detection only for its corresponding INn analog input. The
HI_INn and LO_INn alert indicator bits are active when threshold detection is enabled on the corresponding INn analog
input (see the Threshold Detection and Alert Indicators section).
0x0
R/W
0: disables threshold detection for INn.
1: enables threshold detection for INn.
6
IN_MODE
INn Polarity Mode Select Bit. This bit selects the polarity mode for the corresponding INn analog input (see the Channel
Configuration Options section). Unlike the other control bits in the CONFIG_INn registers, the polarity mode for each
INn analog input is always set by the IN_MODE bit in its corresponding CONFIG_INn register, regardless of the channel
sequencing mode.
0x0
R/W
0: selects unipolar mode for INn.
1: selects pseudobipolar mode for INn.
[5:4]
IN_PAIR
INn Pin-Pairing Select. This field selects the pin-pairing option for the corresponding INn analog input (see the Channel
Configuration Options section). When the standard sequencer is enabled, the IN_PAIR bit field in the CONFIG_IN0
register sets the pin-pairing option for IN0 to IN7. When the advanced sequencer is enabled, the IN_PAIR bit in each
CONFIG_INn register sets the pin-pairing option only for its corresponding INn analog input.
0x0
R/W
0x0: INn paired with REFGND.
0x1: INn paired with COM.
0x2: even and odd input paired.
0x3: invalid.
3
AINHIZ_EN
INn Analog Input High-Z Mode Enable Bit. When the standard sequencer is enabled, the AINHIZ_EN bit in the
CONFIG_IN0 register enables or disables analog input high-Z mode for IN0 to IN7. When the advanced sequencer is
enabled, the AINHIZ_EN bit in each CONFIG_INn register enables or disables analog input high-Z mode only for its
corresponding INn analog input (see the Analog Input High-Z Mode section).
0x1
R/W
0: disables analog input high-Z mode for INn.
1: enables analog input high-Z mode for INn.
2
RESERVED
Reserved.
0x0
R
[1:0]
OSR_SET
INn Oversampling Ratio Select. When the standard sequencer is enabled, the OSR_SET bit field in the CONFIG_IN0
register sets the OSR for IN0 thru IN7. When the advanced sequencer is enabled, the OSR_SET bit field in each
CONFIG_INn register sets the OSR only for its corresponding INn analog input. Set the OSR_SET bit fields in all
CONFIG_INn registers to 0x0 when two-cycle command mode or single-cycle command mode are enabled (see the
Oversampling and Decimation section).
0x0
R/W
0x0: OSR = 1 (no oversampling).
0x1: OSR = 4. Output code result resolution increases to 17 bits.
0x2: OSR = 16. Output code result resolution increases to 18 bits.
0x3: OSR = 64. Output code result resolution increases to 19 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com